Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA5416 Datasheet (PDF) - Rohm

BA5416 Datasheet PDF - Rohm
Part # BA5416
Download  BA5416 Download
File Size   257.47 Kbytes
Page   10 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description High-output dual power amplifier

BA5416 Datasheet (PDF)

Go To PDF Page Download Datasheet
BA5416 Datasheet PDF - Rohm

Part # BA5416
Download  BA5416 Click to download

File Size   257.47 Kbytes
Page   10 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description High-output dual power amplifier

BA5416 Datasheet (HTML) - Rohm


BA5416 Product details

The BA5415A and BA5416 are dual power amplifier ICs that operate off a 9V to 15V supply. When driving a 4Ω load off a 9V supply, the BA5415A does not require a heatsink. The BA5416 uses a lost-cost package. The basic characteris tics (total harmonic distortion etc.) of the amplifiers are excellent, and both ICs include a standby switch function.



Features

1) High output.

  POUT= 5.4W (VCC= 12V, RL= 3Ωand THD = 10%)

  POUT= 2.5W (VCC= 9V, RL= 4Ωand THD = 10%)

2) Excellent audio quality.

  THD = 0.1% (f = 1kHz, PO= 0.5W)

  VNO= 0.3mVrms(Rg = 10kΩ)

  RR = 60dB (fRR= 100Hz)

3) Wide operating power suppy voltage range.

    VCC= 5.0V to 18.0V (BA5416: 5.0V to 15.0V)

4) Switching noise (“pop” noise) generated when the power is switched on and off is small.

5) Ripple mixing when motor starts has been prevented.

6) Built-in thermal shutout.

7) Built-in standby switch. Output is not influenced by the standby pin voltage.

8) “On” mute time does not depend on VCC.

9) Soft clipping.

10) Heatsink not required (for BA5415A, with VCC= 9V and RL 4Ω).



Applications

Radio cassette players.




Similar Part No. - BA5416

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5410 ROHM-BA5410 Datasheet
284Kb / 6P
12 V-5.2 W dual channel power amplifier
logo
List of Unclassifed Man...
BA5412 ETC2-BA5412 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Rohm
BA5412 ROHM-BA5412 Datasheet
497Kb / 9P
Silicon Monolithic Integrated Circuit
logo
List of Unclassifed Man...
BA5413 ETC1-BA5413 Datasheet
29Kb / 1P
5.4w low frequency wave field amplifier
logo
Rohm
BA5417 ROHM-BA5417 Datasheet
156Kb / 7P
High-output dual power amplifier
More results


Similar Description - BA5416

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5602 NSC-CLC5602 Datasheet
182Kb / 12P
Dual, High Output, Video Amplifier
CLC5622 NSC-CLC5622 Datasheet
180Kb / 12P
Dual, High Output, Video Amplifier
logo
Rohm
BA5417 ROHM-BA5417 Datasheet
156Kb / 7P
High-output dual power amplifier
logo
Unisonic Technologies
PA5417 UTC-PA5417 Datasheet
139Kb / 7P
HIGH-OUTPUT DUAL POWER AMPLIFIER
logo
Cadeka Microcircuits LL...
CLC2000 CADEKA-CLC2000 Datasheet
2Mb / 18P
High Output Current Dual Amplifier
logo
Unisonic Technologies
BA5417 UTC-BA5417 Datasheet
241Kb / 7P
HIGH-OUTPUT DUAL POWER AMPLIFIER
BA5417 UTC-BA5417_15 Datasheet
241Kb / 7P
HIGH-OUTPUT DUAL POWER AMPLIFIER
PA5417 UTC-PA5417_15 Datasheet
144Kb / 7P
HIGH-OUTPUT DUAL POWER AMPLIFIER
logo
Texas Instruments
CLC5622 TI1-CLC5622 Datasheet
1Mb / 23P
Dual, High Output, Video Amplifier
logo
American Microsemicondu...
TDA1516Q AMMSEMI-TDA1516Q Datasheet
11Kb / 1P
Dual-Channel Audio Power/Output Amplifier
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com