Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF861M Datasheet (PDF) - Sanken electric

TF861M Datasheet PDF - Sanken electric
Part # TF861M
Download  TF861M Download
File Size   48.68 Kbytes
Page   2 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description TO-220 8A Thyristor

TF861M Datasheet (PDF)

Go To PDF Page Download Datasheet
TF861M Datasheet PDF - Sanken electric

Part # TF861M
Download  TF861M Click to download

File Size   48.68 Kbytes
Page   2 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description TO-220 8A Thyristor

TF861M Datasheet (HTML) - Sanken electric


TF861M Product details

TO-220 8A Thyristor



■Features

●Repetitive peak off-state voltage: VDRM=200, 400, 600V

●Average on-state current: IT(AV)=8A

●Gate trigger current: IGT=15mA max




Similar Part No. - TF861M

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
TF861 ALLEN-BRADLEY-TF861 Datasheet
11Mb / 114P
IEC Contactor Specifications
2021
logo
Sanken electric
TF861S SANKEN-TF861S Datasheet
48Kb / 2P
TO-220F 8A Thyristor
More results


Similar Description - TF861M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF840 STMICROELECTRONICS-IRF840 Datasheet
93Kb / 8P
N - CHANNEL 500V - 0.75ohm - 8A - TO-220 PowerMESH] MOSFET
Aug-1998
logo
Sanken electric
TF321M-A SANKEN-TF321M-A Datasheet
45Kb / 2P
TO-220 3A High sensitive Thyristor
TF321M SANKEN-TF321M Datasheet
48Kb / 2P
TO-220 3A Thyristor
TF521M SANKEN-TF521M Datasheet
48Kb / 2P
TO-220 5A Thyristor
TF821S SANKEN-TF821S Datasheet
48Kb / 2P
TO-220F 8A Thyristor
TM841M-L SANKEN-TM841M-L Datasheet
58Kb / 2P
TO-220 8A Triac
logo
Sanyo Semicon Device
DTC8-N SANYO-DTC8-N Datasheet
246Kb / 3P
8A Bidirectional Thyristor
DTM8-N SANYO-DTM8-N Datasheet
100Kb / 3P
8A Bidirectional Thyristor?
DTN8 SANYO-DTN8 Datasheet
95Kb / 3P
8A Bidirectional Thyristor???
logo
Foshan Blue Rocket Elec...
BT151 FOSHAN-BT151 Datasheet
1Mb / 6P
Thyristor in a TO-220 Plastic Package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com