Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF861S Datasheet (PDF) - Sanken electric

TF861S Datasheet PDF - Sanken electric
Part # TF861S
Download  TF861S Download
File Size   48.93 Kbytes
Page   2 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description TO-220F 8A Thyristor

TF861S Datasheet (PDF)

Go To PDF Page Download Datasheet
TF861S Datasheet PDF - Sanken electric

Part # TF861S
Download  TF861S Click to download

File Size   48.93 Kbytes
Page   2 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description TO-220F 8A Thyristor

TF861S Datasheet (HTML) - Sanken electric


TF861S Product details

Features

1. Repetitive peak off-state voltage: VDRM=200, 400, 600V

2. Average on-state current: IT(AV)=8A

3. Gate trigger current: IGT=15mA max

4. Isolation voltage: VISO=1500V(50Hz Sine wave, RMS)

5. UL approved type available






Similar Part No. - TF861S

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
TF861 ALLEN-BRADLEY-TF861 Datasheet
11Mb / 114P
IEC Contactor Specifications
2021
logo
Sanken electric
TF861M SANKEN-TF861M Datasheet
48Kb / 2P
TO-220 8A Thyristor
More results


Similar Description - TF861S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TF321S SANKEN-TF321S Datasheet
30Kb / 1P
TO-220F 3A Thyristor
TF521S SANKEN-TF521S Datasheet
49Kb / 2P
TO-220F 5A Thyristor
TF541S-A SANKEN-TF541S-A Datasheet
30Kb / 1P
TO-220F 5A High sensitive Thyristor
TF821M SANKEN-TF821M Datasheet
48Kb / 2P
TO-220 8A Thyristor
TFD312S SANKEN-TFD312S Datasheet
53Kb / 2P
TO-220F 3A Thyristor with built-in Avalanche diode
TM841S-L SANKEN-TM841S-L Datasheet
59Kb / 2P
TO-220F 8A Triac
logo
Sanyo Semicon Device
DTC8-N SANYO-DTC8-N Datasheet
246Kb / 3P
8A Bidirectional Thyristor
DTM8-N SANYO-DTM8-N Datasheet
100Kb / 3P
8A Bidirectional Thyristor?
DTN8 SANYO-DTN8 Datasheet
95Kb / 3P
8A Bidirectional Thyristor???
logo
Fairchild Semiconductor
TO-220F FAIRCHILD-TO-220F Datasheet
40Kb / 1P
TO-220F
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com