Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1669 Datasheet (PDF) - Sanyo Semicon Device

2SA1669 Datasheet PDF - Sanyo Semicon Device
Part # 2SA1669
Download  2SA1669 Download
File Size   111.73 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Frequency Amp Applications???

2SA1669 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1669 Datasheet PDF - Sanyo Semicon Device

Part # 2SA1669
Download  2SA1669 Click to download

File Size   111.73 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Frequency Amp Applications???

2SA1669 Datasheet (HTML) - Sanyo Semicon Device


2SA1669 Product details

High-Frequency Amplifier Applications

Features
• High cutoff frequnecy : fT=3.0GHz typ.
• High power gain : MAG=11dB typ (f=0.9GHz)
• Small noise figure : NF=2.0dB typ (f=0.9GHz)




Similar Part No. - 2SA1669

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SA1669 KEXIN-2SA1669 Datasheet
35Kb / 1P
PNP Epitaxial Planar Silicon Transistors
More results


Similar Description - 2SA1669

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1256 SANYO-2SA1256 Datasheet
122Kb / 4P
High-Frequency Amp Applications
2SA1575 SANYO-2SA1575 Datasheet
45Kb / 2P
High-Frequency Amp, Wide-Band Amp Applications
2SA1683 SANYO-2SA1683 Datasheet
115Kb / 4P
High-Frequency General-Purpose Amp, High-Frequency Power Amp Applications?
2SA1723 SANYO-2SA1723 Datasheet
78Kb / 3P
High-Frequency Amp, Medium-Power Amp Applications????
FC12 SANYO-FC12 Datasheet
153Kb / 5P
High-Frequency Amp, AM Applications, Low-Frequency Amp
FC152 SANYO-FC152 Datasheet
130Kb / 4P
High-Frequency Amp, Differential Amp Applications
FC18 SANYO-FC18 Datasheet
146Kb / 5P
High-Frequency Amp, AM Amp, Low-Frequency Amp Applications
FP201 SANYO-FP201 Datasheet
83Kb / 3P
High-Frequency Amp, Differential Amp Applications
FP215 SANYO-FP215 Datasheet
87Kb / 3P
High-Frequency Amp, Differential Amp Applications
EC3H08B SANYO-EC3H08B Datasheet
27Kb / 2P
High-Frequency Amp Applications, Osc. Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com