Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC3H08B Datasheet (PDF) - Sanyo Semicon Device

EC3H08B Datasheet PDF - Sanyo Semicon Device
Part # EC3H08B
Download  EC3H08B Download
File Size   27.45 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Frequency Amp Applications, Osc. Applications

EC3H08B Datasheet (PDF)

Go To PDF Page Download Datasheet
EC3H08B Datasheet PDF - Sanyo Semicon Device

Part # EC3H08B
Download  EC3H08B Click to download

File Size   27.45 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Frequency Amp Applications, Osc. Applications

EC3H08B Datasheet (HTML) - Sanyo Semicon Device


EC3H08B Product details

Features
• Low noise : NF=1.6dB typ (f=2GHz).
• High cut-off frequency : fT=10.0GHz typ (VCE=1V). : fT=12.0GHz typ (VCE=3V).
• Low operating voltage.
• High Gain : S21e2=9.5dB typ (f=2GHz)
• Ultraminiature (1006 size) and thin (0.5mm) leadless package.




Similar Part No. - EC3H08B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EC3H01B SANYO-EC3H01B Datasheet
26Kb / 5P
VHF Band Low-Noise Amplifer and OSC Applications
EC3H02B SANYO-EC3H02B Datasheet
41Kb / 5P
VHF to UHF Low-Noise Wide-Band Amplifier Applications
EC3H02BA SANYO-EC3H02BA Datasheet
53Kb / 5P
NPN Epitaxial Planar Silicon Transistor VHF to UHF Wide-Band Low-Noise Amplifier Applications
EC3H02BA SANYO-EC3H02BA Datasheet
87Kb / 5P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
EC3H02BA SANYO-EC3H02BA_09 Datasheet
87Kb / 5P
VHF to UHF Wide-Band Low-Noise Amplifier Applications
More results


Similar Description - EC3H08B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1256 SANYO-2SA1256 Datasheet
122Kb / 4P
High-Frequency Amp Applications
2SA1669 SANYO-2SA1669 Datasheet
111Kb / 5P
High-Frequency Amp Applications???
2SC4364 SANYO-2SC4364 Datasheet
114Kb / 5P
VHF. UHF/MIX. OSC. Low-Voltage High-Frequency Amp Applications
2SC4365 SANYO-2SC4365 Datasheet
114Kb / 5P
VHF. UHF/MIX. OSC. Low-Voltage High-Frequency Amp Applications?
2SC5374 SANYO-2SC5374 Datasheet
134Kb / 5P
VHF to UHF Band OSC, High-Frequency Amp Applications
2SC5375 SANYO-2SC5375 Datasheet
134Kb / 5P
VHF to UHF Band OSC, High-Frequency Amp Applications?
EC3H04C SANYO-EC3H04C Datasheet
33Kb / 6P
High-Frequency Low-Noise Amplifier and OSC Applications
FC152 SANYO-FC152 Datasheet
130Kb / 4P
High-Frequency Amp, Differential Amp Applications
FP201 SANYO-FP201 Datasheet
83Kb / 3P
High-Frequency Amp, Differential Amp Applications
FP215 SANYO-FP215 Datasheet
87Kb / 3P
High-Frequency Amp, Differential Amp Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com