Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT6555 Datasheet (PDF) - Princeton Technology Corp

PT6555 Datasheet PDF - Princeton Technology Corp
Part # PT6555
Download  PT6555 Download
File Size   2333.52 Kbytes
Page   28 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description LCD Driver IC

PT6555 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT6555 Datasheet PDF - Princeton Technology Corp

Part # PT6555
Download  PT6555 Click to download

File Size   2333.52 Kbytes
Page   28 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description LCD Driver IC

PT6555 Datasheet (HTML) - Princeton Technology Corp


PT6555 Product details

DESCRIPTION
PT6555 is a high performance Liquid Crystal Display (LCD) Driver IC utilizing CMOS Technology specially designed with Key Input Function. It can drive up to a maximum of 164 segments and control up to 4 general purpose output ports. It includes a Key Scan Circuit that can support up to 30 key inputs and provides On-Chip Voltage Detection Type Reset Circuit which prevents incorrect display. Display Data can be directly displayed without using any decoder. PT6555 also supports both 1/4 duty-1/2 bias and 1/4 duty-1/3 bias drive techniques. Pin assignments and application circuit are optimized for easy PCB Layout and cost saving advantages.

FEATURES
• CMOS Technology
• PT6555: 48-pin, up to 140 Segment Drivers (4 Com x 35 Seg)
• PT6555-LQ: 64-pin, up to 164 Segment Drivers (4 Com x 41 Seg)
• Up to 4 General Purpose Output Ports
• Key Input Function (Only PT6555-LQ)
• 1/4 Duty-1/2 Bias and 1/4 Duty-1/3 Bias Drive Techniques
• Sleep Mode & All Segment OFF Function
• On-Chip Voltage Detection Type Reset Circuit
• RC Oscillation Circuit
• Power supply voltage: 4.5 to 6V
• COMS/TTL compatible logic input pins
• Available in 64 pins LQFP; 48 pins LQFP Package

APPLICATIONS
• Electronic Equipment with LCD Display




Similar Part No. - PT6555

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT65501 ETC2-PT65501 Datasheet
126Kb / 3P
4 actuator types
PT65501 ETC2-PT65501 Datasheet
211Kb / 3P
Rotary code switches
PT65502 ETC2-PT65502 Datasheet
126Kb / 3P
4 actuator types
PT65502 ETC2-PT65502 Datasheet
211Kb / 3P
Rotary code switches
PT65503 ETC2-PT65503 Datasheet
126Kb / 3P
4 actuator types
More results


Similar Description - PT6555

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6607 PTC-PT6607 Datasheet
67Kb / 5P
LCD Driver IC?
PT6608 PTC-PT6608 Datasheet
71Kb / 5P
LCD Driver IC?
PT6524 PTC-PT6524 Datasheet
466Kb / 7P
LCD Driver IC
PT6554 PTC-PT6554 Datasheet
671Kb / 6P
LCD Driver IC
PT6520 PTC-PT6520 Datasheet
335Kb / 27P
LCD Driver IC
PT6584 PTC-PT6584 Datasheet
558Kb / 42P
LCD Driver IC
PT6520 PTC-PT6520_10 Datasheet
552Kb / 21P
LCD Driver IC
PT6524 PTC-PT6524_10 Datasheet
1Mb / 24P
LCD Driver IC
PT6526 PTC-PT6526 Datasheet
1Mb / 24P
LCD Driver IC
logo
SHENZHEN FUMAN ELECTRON...
SC6523 FUMAN-SC6523 Datasheet
119Kb / 5P
LCD driver IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com