Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT6908-S Datasheet (PDF) - Princeton Technology Corp

PT6908-S Datasheet PDF - Princeton Technology Corp
Part # PT6908-S
Download  PT6908-S Download
File Size   515.41 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description High Power LED Driver

PT6908-S Datasheet (PDF)

Go To PDF Page Download Datasheet
PT6908-S Datasheet PDF - Princeton Technology Corp

Part # PT6908-S
Download  PT6908-S Click to download

File Size   515.41 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description High Power LED Driver

PT6908-S Datasheet (HTML) - Princeton Technology Corp


PT6908-S Product details

DESCRIPTION
PT6908 is a constant-current LED driver IC utilized constant frequency, controls buck, boost or buck-boost switch converter. In each control mode, PT6908 adopts the inductance current continuous conduction, peak current control mode and the feedback of the output current. It’s controlled by the internal transconductance operational amplifier and external adjustable slope compensation, it is able to gain the high precision output current in closed loop.
The typical functions of PT6908 such as UVLO (Under Voltage Lockout), input current limit, open LED protection, output short circuit protection, output current precision control, linear dimming, PWM dimming, etc. In addition, multiple the sync pin of PT6908s or input the same clock signal, these ICs will operate on the same frequency.
Input voltage of PT6908 is 9V to 36V, the oscillator frequency is 25KHz~350KHz that setting by the external resistors, and the output PWM signal drive external power NMOS. PWM dimming input can accept an external control signal with a duty cycle 0~100% and a frequency between 100Hz to a few KHz.

FEATURES
• >90% Efficiency
• Operating voltage: 9V~36V
• Constant-current driver
• Switch control mode: Buck, Boost, Buck-Boost
• Stable operation frequency
• Slope compensation
• Output current closed loop control
• Input current limit, output over voltage protection, output short-circuit protection
• Linear dimming & PWM dimming
• Synchronization
• Soft start

APPLICATIONS
• LED backlight
• Automotive LED lighting
• Other DC/DC LED drivers




Similar Part No. - PT6908-S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6900 TI-PT6900 Datasheet
188Kb / 5P
12 WATT PLUS TO MINUS VOLTAGE CONVERTER
PT6901 TI-PT6901 Datasheet
188Kb / 5P
12 WATT PLUS TO MINUS VOLTAGE CONVERTER
logo
Princeton Technology Co...
PT6901 PTC-PT6901 Datasheet
230Kb / 4P
High Power LED Driver
PT6901 PTC-PT6901 Datasheet
230Kb / 4P
High Power LED Driver
PT6901-SA PTC-PT6901-SA Datasheet
230Kb / 4P
High Power LED Driver
More results


Similar Description - PT6908-S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78100 INTERSIL-ISL78100 Datasheet
713Kb / 19P
High Power LED Driver
December 17, 2007
logo
List of Unclassifed Man...
MLX10803 ETC2-MLX10803 Datasheet
462Kb / 25P
High power LED driver
MLX10803 ETC2-MLX10803_06 Datasheet
461Kb / 25P
High power LED driver
logo
Agamem Microelectronic ...
AA1716 AGAMEM-AA1716 Datasheet
45Kb / 1P
HIGH POWER LED DRIVER
logo
Princeton Technology Co...
PT6901 PTC-PT6901 Datasheet
230Kb / 4P
High Power LED Driver
PT6904 PTC-PT6904 Datasheet
371Kb / 4P
High Power LED Driver
PT6901 PTC-PT6901_10 Datasheet
230Kb / 4P
High Power LED Driver
logo
Agamem Microelectronic ...
AA1702 AGAMEM-AA1702 Datasheet
46Kb / 1P
HIGH POWER LED DRIVER
logo
LDT Co., Ltd
LD1611 LDT-LD1611 Datasheet
352Kb / 13P
High Power LED Driver
logo
Diodes Incorporated
PAM2842 DIODES-PAM2842 Datasheet
503Kb / 17P
HIGH POWER LED DRIVER
Rev 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com