Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2A20124AFP Datasheet (PDF) - Renesas Technology Corp

R2A20124AFP Datasheet PDF - Renesas Technology Corp
Part # R2A20124AFP
Download  R2A20124AFP Download
File Size   150.72 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Synchronous Phase Shift Full-Bridge Control IC Series

R2A20124AFP Datasheet (PDF)

Go To PDF Page Download Datasheet
R2A20124AFP Datasheet PDF - Renesas Technology Corp

Part # R2A20124AFP
Download  R2A20124AFP Click to download

File Size   150.72 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Synchronous Phase Shift Full-Bridge Control IC Series

R2A20124AFP Datasheet (HTML) - Renesas Technology Corp


R2A20124AFP Product details

Description

The R2A20124AFP/R2A20124ASP controls a full-bridge phase shift circuit and secondary synchronous rectification. The R2A20124AFP/R2A20124ASP has adjustable delay time functions which make ZVS of primary side and make loss of body diode of primary switching device minimal. The R2A20124AFP/R2A20124ASP is based on HA16163/R2A20121. And RAMP slope compensation circuit is built

in as an additional function. Also its output driver circuits are improved to enlarge gate drive output voltage swing from VREF to VCC.

In addition R2A20124AFP has ON/OFF function of synchronous rectification and includes amplifier which detect input current signal.



Features

Maximum ratings

 Supply voltage Vcc: 20 V

 Operating junction temperature Tj-opr: –40 to +125°C

Electrical characteristics

 VFB feedback voltage VFB(–): 1.25 V 2.0%

 UVLO (Under Voltage Lockout) operation start voltage VH: 8.4 V 0.7 V

 UVLO operation shutdown voltage VL: 8.0 V 0.6 V

 UVLO hysteresis voltage dVUVL: 0.4 V 0.1 V

 Output voltage swing of OUT-A, B, C, D, and E for gate drive: GND to VCC

Functions

R2A20124AFP/R2A20124ASP

 Full-bridge phase-shift switching circuit with adjustable delay times

 Pulse by pulse current limit

 Synchronization I/O for the oscillator

 Ramp sloping adjustor

 Error amplifier built-in

 Soft start function

R2A20124AFP

 Synchronous rectification on/off control

 Remote on/off control

 Amplified output of current sense input voltage: CS

Package lineup

 Pb-free LQFP-40: R2A20124AFP

 Pb-free SOP-20: R2A20124ASP




Similar Part No. - R2A20124AFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20124AFP RENESAS-R2A20124AFP Datasheet
153Kb / 13P
Synchronous Phase Shift Full-Bridge Control IC Series
R2A20124AFP-U0 RENESAS-R2A20124AFP-U0 Datasheet
153Kb / 13P
Synchronous Phase Shift Full-Bridge Control IC Series
R2A20124AFP-U5 RENESAS-R2A20124AFP-U5 Datasheet
153Kb / 13P
Synchronous Phase Shift Full-Bridge Control IC Series
R2A20124AFP-W0 RENESAS-R2A20124AFP-W0 Datasheet
153Kb / 13P
Synchronous Phase Shift Full-Bridge Control IC Series
R2A20124AFP-W5 RENESAS-R2A20124AFP-W5 Datasheet
153Kb / 13P
Synchronous Phase Shift Full-Bridge Control IC Series
More results


Similar Description - R2A20124AFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16163T RENESAS-HA16163T Datasheet
294Kb / 30P
Synchronous Phase Shift Full-Bridge Control IC
logo
Texas Instruments
TPS68000 TI-TPS68000 Datasheet
337Kb / 13P
HIGHLY EFFICIENT PHASE SHIFT FULL BRIDGE CCFL CONTROLLER
logo
Renesas Technology Corp
R2A20121SP RENESAS-R2A20121SP Datasheet
291Kb / 28P
Synchronous Phase Shift Full-Bridge Control IC
HA16163T RENESAS-HA16163T_08 Datasheet
329Kb / 30P
Synchronous Phase Shift Full-Bridge Control IC
logo
NXP Semiconductors
UBA2037 NXP-UBA2037 Datasheet
83Kb / 14P
Full bridge control IC for HID general lighting
Rev. 01-30 October 2008
logo
Linear Technology
LTC1922-1 LINER-LTC1922-1 Datasheet
308Kb / 24P
Synchronous Phase Modulated Full-Bridge Controller
logo
Renesas Technology Corp
R2A20124AFP RENESAS-R2A20124AFP_11 Datasheet
153Kb / 13P
Synchronous Phase Shift Full-Bridge Control IC Series
HA16163T RENESAS-HA16163T_15 Datasheet
353Kb / 32P
Synchronous Phase Shift Full-Bridge Control IC
logo
Linear Technology
LTC1922-1 LINER-LTC1922-1_15 Datasheet
314Kb / 24P
Synchronous Phase Modulated Full-Bridge Controller
logo
Texas Instruments
TPS68000 TI1-TPS68000_13 Datasheet
629Kb / 26P
HIGHLY EFFICIENT PHASE SHIFT FULL BRIDGE CCFL CONTROLLER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com