Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2A20124AFP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R2A20124AFP
Description  Synchronous Phase Shift Full-Bridge Control IC Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20124AFP Datasheet(HTML) 2 Page - Renesas Technology Corp

  R2A20124AFP Datasheet HTML 1Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 2Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 3Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 4Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 5Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 6Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 7Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 8Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
R2A20124AFP/R2A20124ASP
Preliminary
REJ03D0928-0200 Rev.2.00
Page 2 of 12
Aug 03, 2010
Modified Points from R2A20121SP
 The swing level of the maximum output voltage is changed from VREF to VCC.
 Ramp sloping compensation circuit is added.
 Synchronous rectification control is possible to turned off at light load. (only R2A20124AFP)
 On/off control terminal for Remote is added. (only R2A20124AFP)
Illustrative Circuit
R2A20124AFP/ASP
Note:
∗1. Only R2A20124AFP
VCC OUT
-A
OUT
-C
CS RAMP
FB(–)
VREF
RT SYNC
SS
CS-
OUT(
∗1)
SEC-CONT(
∗1)
SGND
OUT
-B
OUT
-F
OUT
-E
OUT
-D
DELAY
-3
DELAY
-2
DELAY
-1
COMP
VIN
DC 12 V
Vbias
(DC 12 V)
DC 12 V
DC 12 V
DC 12 V
DC 12 V
RAMP
-SLP
REMOTE(
∗1)
PGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com