Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2A20124AFP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # R2A20124AFP
Description  Synchronous Phase Shift Full-Bridge Control IC Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20124AFP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button R2A20124AFP Datasheet HTML 4Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 5Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 6Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 7Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 8Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 9Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 10Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 11Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
R2A20124AFP/R2A20124ASP
Preliminary
REJ03D0928-0200 Rev.2.00
Page 8 of 12
Aug 03, 2010
Electrical Characteristics
(Ta = 25°C, Vcc = 12 V, RT = 180 k
, Rdelay = 51 k, Rramp-slp = 27 k, unless otherwise specified.)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
SUPPLY: R2A20124AFP/ASP
Start threshold
VH
7.7
8.4
9.1
V
Shutdown threshold
VL
7.4
8.0
8.6
V
UVLO hysteresis
dVUVL
0.3
0.4
0.5
V
Start-up current
Is
—
90
150
A
Vcc = 7.5 V
Operating current
Icc
—
8
11.5
mA
No load on VREF pin
VREF: R2A20124AFP/ASP
Output voltage
Vref
4.9
5.0
5.1
V
Line regulation
Vref-line
—
0
10
mV
Vcc= 10 V to 16 V
Load regulation
Vref-load
—
6
20
mV
Iref= –1 mA to –20 mA
Temperature stability
dVref/dTa
—
80*1
—
ppm/°C
Ta = –40°C to 105°C
OSCILLATOR: R2A20124AFP/ASP
Oscillator frequency
fosc
—
200*
1
—
kHz
Switching frequency
fsw
85
100
115
kHz
Measured on OUT-A, -B
Line stability
fsw-line
–1.5
0
1.5
%
Vcc = 10 V to 16 V
Temperature stability
dfsw/dTa
—
0.1*1
—
%/°C
Ta = –40°C to 105°C
RT voltage
VRT
2.5
2.7
2.9
V
SYNC: R2A20124AFP/ASP
Input threshold
VTH-SYNC
2.5
2.85
3.2
V
Output high
VOH-SYNC
3.5
4.0
—
V
RSYNC = 33 k
 to GND *2
Output low
VOL-SYNC
—
0.05
0.15
V
RSYNC = 33 k
 to VREF
Minimum input pulse
TI-MIN
50
—
—
ns
Output pulse width
TO-SYNC
—
3.0*
1
—
s
REMOTE: R2A20124AFP
On threshold voltage
VON-REMOTE
1.12
1.32
1.52
V
Off threshold voltage
VOFF-REMOTE
1.04
1.23
1.42
V
REMOTE hysteresis
dVREMOTE
60
90
120
mV
Input bias current
IREMOTE
–100
–50
—
A
REMOTE = 2 V
ERROR AMPLIFIER: R2A20124AFP/ASP
FB(–) input voltage
VFB(–)
1.225
1.250
1.275
V
FB(–) and COMP are shorted
FB(–) input current
IFB(–)
–2.0
0
2.0
A
FB(–) = 1.25 V
Open-loop DC gain
Av
—
80*
1
—
dB
Unity gain bandwidth
BW
—
2*
1
—
MHz
Output source current
ISOURCE
–650
–500
–390
A
FB(–) = 0.75 V, COMP = 2 V
Output sink current
ISINK
2.0
6.5
—
mA
FB(–) = 1.75 V, COMP = 2 V
Output high voltage
VOH-EO
3.7
3.9
—
V
FB(–) = 0.75 V, COMP; open
Output low voltage
VOL-EO
—
0.1
0.4
V
FB(–) = 1.75 V, COMP; open
Output clamp voltage *
3
VCLAMP-EO
–0.16
–0.07
0.0
V
FB(–) = 0.75 V, COMP; open,
SS = 1 V
Notes: 1. Design specification (reference data)
2. R2A20124AFP: SGND and PGND
3. VCLAMP-EO = VCOMP – SS voltage (1 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com