Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2A20124AFP Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # R2A20124AFP
Description  Synchronous Phase Shift Full-Bridge Control IC Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20124AFP Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button R2A20124AFP Datasheet HTML 5Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 6Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 7Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 8Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 9Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 10Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 11Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 12Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
R2A20124AFP/R2A20124ASP
Preliminary
REJ03D0928-0200 Rev.2.00
Page 12 of 12
Aug 03, 2010
Package Dimensions
NOTE)
1. DIMENSIONS"*1"AND"*2"
DO NOT INCLUDE MOLD FLASH
2. DIMENSION"*3"DOES NOT
INCLUDE TRIM OFFSET.
Index mark
*1
*3
20
21
30
31
10
11
xM
y
p
F
1
40
D
D
b
Z
H
D
1
Detail F
L
L
Terminal cross section
( Ni/Pd/Au plating )
p
b
1.40
1.70
1.0
0°
8°
0.65
0.10
0.15
0.20
0.17
0.22
0.27
8.8
9.0
9.2
7.0
0.50
9.2
9.0
8.8
0.13
0.10
0.13
7.0
L1
ZE
ZD
y
x
c
b1
bp
A
HD
A2
E
D
Reference
Symbol
Dimension in Millimeters
Min
Nom Max
A1
c1
e
e
L
HE
0.08
0.22
0.575
0.575
0.40
0.60
θ
θ
P-LQFP40-7x7-0.65
0.2g
MASS[Typ.]
FP-40EV
PLQP0040JB-C
RENESAS Code
JEITA Package Code
Previous Code
0.80
0.15
1.27
7.50
8.00
0.40
0.34
A1
13.0
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
2.20
0.90
0.70
0.50
5.50
0.20
0.10
0.00
0.46
0.25
0.20
0.15
7.80
8°
0°
0.12
1.15
12.60
L1
Z
HE
y
x
θ
c
bp
A2
E
D
b1
c1
e
e
L
A
20
11
10
F
*1
*3
p
M
x
y
1
Index mark
D
b
Z
Terminal cross section
( Ni/Pd/Au plating )
p
b
1
Detail F
L
L
θ
NOTE)
1. DIMENSIONS"*1 (Nom)"AND"*2"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"*3"DOES NOT
INCLUDE TRIM OFFSET.
P-SOP20-5.5x12.6-1.27
0.31g
MASS[Typ.]
FP-20DAV
PRSP0020DD-B
RENESAS Code
JEITA Package Code
Previous Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com