Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6262A Datasheet (PDF) - Intersil Corporation

ISL6262A Datasheet PDF - Intersil Corporation
Part # ISL6262A
Download  ISL6262A Download
File Size   630.72 Kbytes
Page   28 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Two-Phase Core Controller Santa Rosa, IMVP-6

ISL6262A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6262A Datasheet PDF - Intersil Corporation

Part # ISL6262A
Download  ISL6262A Click to download

File Size   630.72 Kbytes
Page   28 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Two-Phase Core Controller Santa Rosa, IMVP-6

ISL6262A Datasheet (HTML) - Intersil Corporation


ISL6262A Product details

Two-Phase Core Controller(Santa Rosa, IMVP-6+)



The ISL6262A is a two-phase buck converter regulator implementing Intel® IMVP-6+ protocol with embedded gate drivers. The two-phase buck converter uses two interleaved channels to effectively double the output voltage ripple frequency, and thereby reduce output voltage ripple amplitude with fewer components; lower component cost; reduced power dissipation; and smaller real estate area.



Features

• Precision Two/One-phase CORE Voltage Regulator

- 0.5% System Accuracy Over-Temperature

- Enhanced Load Line Accuracy

• Internal Gate Driver with 2A Driving Capability

• Dynamic Phase Adding/Dropping

• Microprocessor Voltage Identification Input

- 7-Bit VID Input

- 0.300V to 1.500V in 12.5mV Steps

- Support VID Change On-the-Fly

• Multiple Current Sensing Schemes Supported

- Lossless Inductor DCR Current Sensing

- Precision Resistive Current Sensing

• CPU Power Monitor

• Thermal Monitor

• User Programmable Switching Frequency

• Differential Remote CPU Die Voltage Sensing

• Static and Dynamic Current Sharing

• Overvoltage, Undervoltage, and Overcurrent Protection

• Pb-Free (RoHS Compliant)




Similar Part No. - ISL6262A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6262A INTERSIL-ISL6262A Datasheet
631Kb / 28P
Two-Phase Core Controller(Santa Rosa, IMVP-6)
December 23, 2008
logo
Renesas Technology Corp
ISL6262A RENESAS-ISL6262A Datasheet
1Mb / 28P
Two-Phase Core Controller (Santa Rosa, IMVP-6)
December 23, 2008
logo
Intersil Corporation
ISL6262ACRZ INTERSIL-ISL6262ACRZ Datasheet
631Kb / 28P
Two-Phase Core Controller(Santa Rosa, IMVP-6)
December 23, 2008
logo
Renesas Technology Corp
ISL6262ACRZ RENESAS-ISL6262ACRZ Datasheet
1Mb / 28P
Two-Phase Core Controller (Santa Rosa, IMVP-6)
December 23, 2008
logo
Intersil Corporation
ISL6262ACRZ-T INTERSIL-ISL6262ACRZ-T Datasheet
631Kb / 28P
Two-Phase Core Controller(Santa Rosa, IMVP-6)
December 23, 2008
More results


Similar Description - ISL6262A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6263 INTERSIL-ISL6263 Datasheet
493Kb / 19P
5-Bit VID Single-Phase Voltage Regulator for IMVP-6 Santa Rosa GPU Core
June 10, 2010
ISL6263A INTERSIL-ISL6263A Datasheet
490Kb / 19P
5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
July 8, 2010
ISL6266AHRZ INTERSIL-ISL6266AHRZ Datasheet
657Kb / 30P
Two-phase Core Controllers (Montevina, IMVP-6)
June 14, 2010
ISL6262ACRZ INTERSIL-ISL6262ACRZ Datasheet
631Kb / 28P
Two-Phase Core Controller(Santa Rosa, IMVP-6)
December 23, 2008
ISL6266HRZ INTERSIL-ISL6266HRZ Datasheet
802Kb / 31P
Two-phase Core Controllers(Montevina, IMVP-6)
August 25, 2015
logo
Renesas Technology Corp
ISL6266 RENESAS-ISL6266 Datasheet
1Mb / 31P
Two-phase Core Controllers (Montevina, IMVP-6)
ISL6263 RENESAS-ISL6263 Datasheet
799Kb / 19P
5-Bit VID Single-Phase Voltage Regulator for IMVP-6 Santa Rosa GPU Core
ISL6263A RENESAS-ISL6263A Datasheet
841Kb / 20P
5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
ISL6263B RENESAS-ISL6263B Datasheet
772Kb / 18P
5-Bit VID Single-Phase Voltage Regulator with Current Monitor for IMVP-6 Santa Rosa GPU Core
ISL6262A RENESAS-ISL6262A Datasheet
1Mb / 28P
Two-Phase Core Controller (Santa Rosa, IMVP-6)
December 23, 2008
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com