Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6263A Datasheet (PDF) - Renesas Technology Corp

ISL6263A Datasheet PDF - Renesas Technology Corp
Part # ISL6263A
Download  ISL6263A Download
File Size   841.12 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core

ISL6263A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6263A Datasheet PDF - Renesas Technology Corp

Part # ISL6263A
Download  ISL6263A Click to download

File Size   841.12 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core

ISL6263A Datasheet (HTML) - Renesas Technology Corp


ISL6263A Product details

5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6+ Santa Rosa GPU Core

The ISL6263A IC is a Single-Phase Synchronous-Buck PWM voltage regulator featuring Intersil’s Robust Ripple Regulator (R3) Technology™. The ISL6263A is an implementation of the Intel® Mobile Voltage Positioning (IMVP) protocol for GPU Render Engine core power. Integrated power monitor, droop amplifier, MOSFET drivers, and bootstrap diode result in smaller implementation area and lower component cost.

Features
• Precision Single-phase Core Voltage Regulator
    - 0.5% System Accuracy 0°C to +100°C
    - Differential Remote GPU Die Voltage Sensing
    - Differential Droop Voltage Sensing
• Real-time GPU Power Monitor Output
• Applications Up to 25A
• Input Voltage Range: +5.0V to +25.0V
• Programmable PWM Frequency: 200kHz to 500kHz
• Pre-biased Output Start-up Capability
• 5-bit Voltage Identification Input (VID)
    - 1.28750 to 0.41200V
    - 25.75mV Steps
    - Sequential or Non-sequential VID Change On-the-fly
• Configurable PWM Modes
    - Forced Continuous Conduction Mode
    - Automatic Entry and Exit of Diode Emulation Mode
    - Selectable Audible Frequency PWM Filter
• Integrated MOSFET Drivers and Bootstrap Diode
• Choice of Current Sensing Schemes
    - Lossless inductor DCR Current Sensing
    - Precision Resistive Current Sensing
• Overvoltage, Undervoltage, and Overcurrent Protection
• Pb-free (RoHS compliant)




Similar Part No. - ISL6263A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6263A INTERSIL-ISL6263A Datasheet
490Kb / 19P
5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
July 8, 2010
ISL6263ACRZ INTERSIL-ISL6263ACRZ Datasheet
490Kb / 19P
5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
July 8, 2010
ISL6263ACRZ-T INTERSIL-ISL6263ACRZ-T Datasheet
490Kb / 19P
5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
July 8, 2010
ISL6263AIRZ INTERSIL-ISL6263AIRZ Datasheet
490Kb / 19P
5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
July 8, 2010
ISL6263AIRZ-T INTERSIL-ISL6263AIRZ-T Datasheet
490Kb / 19P
5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
July 8, 2010
More results


Similar Description - ISL6263A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6262A INTERSIL-ISL6262A Datasheet
630Kb / 28P
Two-Phase Core Controller Santa Rosa, IMVP-6
December 23, 2008
ISL6263C INTERSIL-ISL6263C Datasheet
549Kb / 18P
5-Bit VID Single-Phase Voltage Regulator with Current Monitor for GPU Core Power
July 8, 2010
ISL6263 INTERSIL-ISL6263 Datasheet
493Kb / 19P
5-Bit VID Single-Phase Voltage Regulator for IMVP-6 Santa Rosa GPU Core
June 10, 2010
ISL6263A INTERSIL-ISL6263A Datasheet
490Kb / 19P
5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
July 8, 2010
ISL6263B INTERSIL-ISL6263B Datasheet
478Kb / 18P
5-Bit VID Single-Phase Voltage Regulator with Current Monitor for IMVP-6 Santa Rosa GPU Core
July 8, 2010
ISL6262ACRZ INTERSIL-ISL6262ACRZ Datasheet
631Kb / 28P
Two-Phase Core Controller(Santa Rosa, IMVP-6)
December 23, 2008
logo
Renesas Technology Corp
ISL6263 RENESAS-ISL6263 Datasheet
799Kb / 19P
5-Bit VID Single-Phase Voltage Regulator for IMVP-6 Santa Rosa GPU Core
ISL6263B RENESAS-ISL6263B Datasheet
772Kb / 18P
5-Bit VID Single-Phase Voltage Regulator with Current Monitor for IMVP-6 Santa Rosa GPU Core
ISL6263C RENESAS-ISL6263C Datasheet
762Kb / 18P
5-Bit VID Single-Phase Voltage Regulator with Current Monitor for GPU Core Power
ISL6262A RENESAS-ISL6262A Datasheet
1Mb / 28P
Two-Phase Core Controller (Santa Rosa, IMVP-6)
December 23, 2008
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com