Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6263C Datasheet (PDF) - Intersil Corporation

ISL6263C Datasheet PDF - Intersil Corporation
Part # ISL6263C
Download  ISL6263C Download
File Size   549.47 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 5-Bit VID Single-Phase Voltage Regulator with Current Monitor for GPU Core Power

ISL6263C Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6263C Datasheet PDF - Intersil Corporation

Part # ISL6263C
Download  ISL6263C Click to download

File Size   549.47 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 5-Bit VID Single-Phase Voltage Regulator with Current Monitor for GPU Core Power

ISL6263C Datasheet (HTML) - Intersil Corporation


ISL6263C Product details

5-Bit VID Single-Phase Voltage Regulator with Current Monitor for GPU Core Power

The ISL6263C IC is a Single-Phase Synchronous-Buck PWM voltage regulator for GPU core power application. It features Intersil’s Robust Ripple Regulator (R3) Technology™. Integrated current monitor, differential remote sense amplifier, MOSFET driver and bootstrap diode result in smaller implementation area and lower component cost.

Features
• Precise Single-Phase Core Voltage Regulator
    - 0.5% System Accuracy 0°C to +100°C
    - Differential Remote GPU Die Voltage Sense
• Real-Time GPU Current Monitor Output
• Applications up to 25A
• Input Voltage Range: +5.0V to +25.0V
• Programmable PWM Frequency: 200kHz to 500kHz
• Pre-Biased Output Start-Up Capability
• 5-Bit Voltage Identification Input (VID)
    - 0.41200V to 1.28750V
    - 25.75mV Steps
    - Sequential or Non-Sequential VID Change On-the-Fly
• Configurable PWM Modes
    - Forced Continuous Conduction Mode
    - Automatic Entry and Exit of Diode Emulation Mode
    - Selectable Audible Frequency PWM Filter
• Integrated MOSFET Drivers and Bootstrap Diode
• Choice of Current Sense Schemes
    - Lossless Inductor DCR Current Sense
    - Precise Resistive Current Sense
• Overvoltage, Undervoltage and Overcurrent Protection
• Pb-Free (RoHS Compliant)




Similar Part No. - ISL6263C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6263C RENESAS-ISL6263C Datasheet
762Kb / 18P
5-Bit VID Single-Phase Voltage Regulator with Current Monitor for GPU Core Power
logo
Intersil Corporation
ISL6263CHRZ INTERSIL-ISL6263CHRZ Datasheet
259Kb / 6P
PCN13024 ??ASECL Reliability Qualification Summary
October 25, 2013
logo
Renesas Technology Corp
ISL6263CHRZ RENESAS-ISL6263CHRZ Datasheet
762Kb / 18P
5-Bit VID Single-Phase Voltage Regulator with Current Monitor for GPU Core Power
logo
Intersil Corporation
ISL6263CHRZ-T INTERSIL-ISL6263CHRZ-T Datasheet
259Kb / 6P
PCN13024 ??ASECL Reliability Qualification Summary
October 25, 2013
logo
Renesas Technology Corp
ISL6263CHRZ-T RENESAS-ISL6263CHRZ-T Datasheet
762Kb / 18P
5-Bit VID Single-Phase Voltage Regulator with Current Monitor for GPU Core Power
More results


Similar Description - ISL6263C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62873 INTERSIL-ISL62873 Datasheet
534Kb / 17P
PWM DC/DC Controller with VID Inputs for Portable GPU Core-Voltage Regulator
June 30, 2009
ISL6263 INTERSIL-ISL6263 Datasheet
493Kb / 19P
5-Bit VID Single-Phase Voltage Regulator for IMVP-6 Santa Rosa GPU Core
June 10, 2010
ISL6263A INTERSIL-ISL6263A Datasheet
490Kb / 19P
5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
July 8, 2010
ISL6263B INTERSIL-ISL6263B Datasheet
478Kb / 18P
5-Bit VID Single-Phase Voltage Regulator with Current Monitor for IMVP-6 Santa Rosa GPU Core
July 8, 2010
logo
Renesas Technology Corp
ISL62871 RENESAS-ISL62871 Datasheet
1Mb / 25P
PWM DC/DC Controller With VID Inputs For Portable GPU Core-Voltage Regulator
ISL6263 RENESAS-ISL6263 Datasheet
799Kb / 19P
5-Bit VID Single-Phase Voltage Regulator for IMVP-6 Santa Rosa GPU Core
ISL6263A RENESAS-ISL6263A Datasheet
841Kb / 20P
5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
ISL6263B RENESAS-ISL6263B Datasheet
772Kb / 18P
5-Bit VID Single-Phase Voltage Regulator with Current Monitor for IMVP-6 Santa Rosa GPU Core
ISL6263C RENESAS-ISL6263C Datasheet
762Kb / 18P
5-Bit VID Single-Phase Voltage Regulator with Current Monitor for GPU Core Power
ISL6263D RENESAS-ISL6263D Datasheet
778Kb / 18P
3-Bit VID Single-Phase Voltage Regulator with Current Monitor for GPU Core Power
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com