Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6263 Datasheet (PDF) - Intersil Corporation

ISL6263 Datasheet PDF - Intersil Corporation
Part # ISL6263
Download  ISL6263 Download
File Size   493.98 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 5-Bit VID Single-Phase Voltage Regulator for IMVP-6 Santa Rosa GPU Core

ISL6263 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6263 Datasheet PDF - Intersil Corporation

Part # ISL6263
Download  ISL6263 Click to download

File Size   493.98 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 5-Bit VID Single-Phase Voltage Regulator for IMVP-6 Santa Rosa GPU Core

ISL6263 Datasheet (HTML) - Intersil Corporation


ISL6263 Product details

5-Bit VID Single-PhaseVoltage Regulator for IMVP-6+ Santa Rosa GPU Core



The ISL6263 IC is a Single-Phase Synchronous-Buck PWM voltage regulator featuring Intersil’s Robust Ripple Regulator (R3) Technology™. The ISL6263 is an implementation of the Intel®

Mobile Voltage Positioning (IMVP) protocol for GPU Render Engine core power. Integrated MOSFET drivers, bootstrap diode, and droop amplifier result in lower component cost and smaller implementation area.

Intersil’s R3 Technology™ combines the best features of both fixed-frequency PWM and hysteretic PWM, delivering excellent light-load efficiency and superior load transient response by commanding variable switching frequency during the transitory event.



Features

• Precision single-phase core voltage regulator

    - 0.5% system accuracy 0°C to +100°C

    - Differential remote GPU die voltage sensing

    - Differential droop voltage sensing

• Applications up to 25A

• Input voltage range: +5.0V to +25.0V

• Programmable PWM frequency: 200kHz to 500kHz

• Pre-biased output start-up capability

• 5-bit voltage identification input (VID)

    - 1.28750 to 0.41200V

    - 25.75mV steps

    - Sequential or non-sequential VID change on-the-fly

• Selectable diode emulation mode

    - Render Suspend mode only

    - Render Performance and Render Suspend mode

• Selectable audio filter in render suspend mode

• Integrated MOSFET drivers and bootstrap diode

• Choice of current sensing schemes

    - Lossless inductor DCR current sensing

    - Precision resistive current sensing

• Overvoltage, undervoltage, and overcurrent protection

• Pb-free plus anneal available (RoHS compliant)




Similar Part No. - ISL6263

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6263 RENESAS-ISL6263 Datasheet
799Kb / 19P
5-Bit VID Single-Phase Voltage Regulator for IMVP-6 Santa Rosa GPU Core
logo
Intersil Corporation
ISL6263A INTERSIL-ISL6263A Datasheet
490Kb / 19P
5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
July 8, 2010
logo
Renesas Technology Corp
ISL6263A RENESAS-ISL6263A Datasheet
841Kb / 20P
5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
logo
Intersil Corporation
ISL6263ACRZ INTERSIL-ISL6263ACRZ Datasheet
490Kb / 19P
5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
July 8, 2010
logo
Renesas Technology Corp
ISL6263ACRZ RENESAS-ISL6263ACRZ Datasheet
841Kb / 20P
5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
More results


Similar Description - ISL6263

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6262A INTERSIL-ISL6262A Datasheet
630Kb / 28P
Two-Phase Core Controller Santa Rosa, IMVP-6
December 23, 2008
ISL6263C INTERSIL-ISL6263C Datasheet
549Kb / 18P
5-Bit VID Single-Phase Voltage Regulator with Current Monitor for GPU Core Power
July 8, 2010
ISL6263A INTERSIL-ISL6263A Datasheet
490Kb / 19P
5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
July 8, 2010
ISL6263B INTERSIL-ISL6263B Datasheet
478Kb / 18P
5-Bit VID Single-Phase Voltage Regulator with Current Monitor for IMVP-6 Santa Rosa GPU Core
July 8, 2010
ISL6262ACRZ INTERSIL-ISL6262ACRZ Datasheet
631Kb / 28P
Two-Phase Core Controller(Santa Rosa, IMVP-6)
December 23, 2008
logo
Renesas Technology Corp
ISL6263 RENESAS-ISL6263 Datasheet
799Kb / 19P
5-Bit VID Single-Phase Voltage Regulator for IMVP-6 Santa Rosa GPU Core
ISL6263A RENESAS-ISL6263A Datasheet
841Kb / 20P
5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
ISL6263B RENESAS-ISL6263B Datasheet
772Kb / 18P
5-Bit VID Single-Phase Voltage Regulator with Current Monitor for IMVP-6 Santa Rosa GPU Core
ISL6263C RENESAS-ISL6263C Datasheet
762Kb / 18P
5-Bit VID Single-Phase Voltage Regulator with Current Monitor for GPU Core Power
ISL6262A RENESAS-ISL6262A Datasheet
1Mb / 28P
Two-Phase Core Controller (Santa Rosa, IMVP-6)
December 23, 2008
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com