Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LK112M20TR Datasheet (PDF) - STMicroelectronics

LK112M20TR Datasheet PDF - STMicroelectronics
Part # LK112M20TR
Download  LK112M20TR Download
File Size   407.12 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low noise low drop voltage regulator with shutdown function

LK112M20TR Datasheet (PDF)

Go To PDF Page Download Datasheet
LK112M20TR Datasheet PDF - STMicroelectronics

Part # LK112M20TR
Download  LK112M20TR Click to download

File Size   407.12 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low noise low drop voltage regulator with shutdown function

LK112M20TR Datasheet (HTML) - STMicroelectronics


LK112M20TR Product details

DESCRIPTION
The LK112 is a low dropout linear regulator with a built in electronic switch. The internal switch can
be controlled by TTL or CMOS logic levels. The device is ON state when the control pin is pulled to a logic high level. An external capacitor can be used connected to the noise bypass pin to lower
the output noise level to 30µVrms. An internal PNP pass transistor is used to achieve a low dropout
voltage.

■ OUTPUT CURRENT UP TO 150mA
■ LOW DROPOUT VOLTAGE (350mV AT IOUT=150mA)
■ VERY LOW QUIESCENT CURRENT: 0.1µA
    IN OFF MODE AND MAX 250µA IN ON
    MODE AT IOUT=0mA
■ LOW OUTPUT NOISE: TYP 30µV AT IOUT=60mA AND 10Hz ■ WIDE RANGE OF OUTPUT VOLTGAES
■ INTERNAL CURRENT AND THERMAL LIMIT




Similar Part No. - LK112M20TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LK112M20TR STMICROELECTRONICS-LK112M20TR Datasheet
413Kb / 12P
LOW NOISE LOW DROP VOLTAGE REGULATOR WITH SHUTDOWN FUNCTION
Jun-2003
More results


Similar Description - LK112M20TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LK112 STMICROELECTRONICS-LK112 Datasheet
413Kb / 12P
LOW NOISE LOW DROP VOLTAGE REGULATOR WITH SHUTDOWN FUNCTION
Jun-2003
LK112S STMICROELECTRONICS-LK112S Datasheet
427Kb / 11P
LOW NOISE LOW DROP VOLTAGE REGULATOR WITH SHUTDOWN FUNCTION
Feb-2003
logo
Sipex Corporation
SPX2920 SIPEX-SPX2920 Datasheet
175Kb / 7P
400mA Low Drop Out Voltage Regulator with Shutdown
SPX2945 SIPEX-SPX2945 Datasheet
214Kb / 11P
500mA Low Drop Out Voltage Regulator with Shutdown
SPX2955 SIPEX-SPX2955 Datasheet
184Kb / 9P
350mA Low Drop Out Voltage Regulator with Shutdown
SPX2920 SIPEX-SPX2920 Datasheet
95Kb / 10P
400mA Low Drop Out Voltage Regulator with Shutdown
SPX2920 SIPEX-SPX2920_06 Datasheet
507Kb / 10P
400mA Low Drop Out Voltage Regulator with Shutdown
logo
STMicroelectronics
LK112SXX STMICROELECTRONICS-LK112SXX Datasheet
411Kb / 18P
Low noise low drop voltage regulator with shutdown function
11-Dec-2007
LK112SXX STMICROELECTRONICS-LK112SXX_08 Datasheet
404Kb / 17P
Low noise low drop voltage regulator with shutdown function
10-Jul-2008
logo
Unisonic Technologies
LD1985 UTC-LD1985_V01 Datasheet
459Kb / 9P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP.COMPATIBLE, WITH INHIBIT FUNCTION
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com