Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9276 Datasheet (PDF) - Analog Devices

AD9276 Datasheet PDF - Analog Devices
Part # AD9276
Download  AD9276 Download
File Size   1022.97 Kbytes
Page   48 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Octal LNA/VGA/AAF/12-Bit ADC and CW I/Q Demodulator

AD9276 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9276 Datasheet PDF - Analog Devices

Part # AD9276
Download  AD9276 Click to download

File Size   1022.97 Kbytes
Page   48 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Octal LNA/VGA/AAF/12-Bit ADC and CW I/Q Demodulator

AD9276 Datasheet (HTML) - Analog Devices


AD9276 Product details

GENERAL DESCRIPTION
The AD9276 is designed for low cost, low power, small size, and ease of use. It contains eight channels of a variable gain amplifier (VGA) with a low noise preamplifier (LNA); an antialiasing filter (AAF); a 12-bit, 10 MSPS to 80 MSPS analog-to-digital converter (ADC); and an I/Q demodulator with programmable phase rotation.

FEATURES
    8 channels of LNA, VGA, AAF, ADC, and I/Q demodulator
    Low noise preamplifier (LNA)
        Input-referred noise: 0.75 nV/√Hz typical at 5 MHz (gain = 21.3 dB)
        SPI-programmable gain: 15.6 dB/17.9 dB/21.3 dB
        Single-ended input: VIN maximum = 733 mV p-p/550 mV p-p/367 mV p-p
        Dual-mode active input impedance matching
        Bandwidth (BW) > 100 MHz
        Full-scale (FS) output: 4.4 V p-p differential
    Variable gain amplifier (VGA)
        Attenuator range: −42 dB to 0 dB
        Postamp gain: 21 dB/24 dB/27 dB/30 dB
        Linear-in-dB gain control
    Antialiasing filter (AAF)
        Programmable second-order LPF from 8 MHz to 18 MHz
        Programmable HPF
    Analog-to-digital converter (ADC)
        12 bits at 10 MSPS to 80 MSPS
        SNR: 70 dB
        SFDR: 75 dB
        Serial LVDS (ANSI-644, IEEE 1596.3 reduced range link)
        Data and frame clock outputs
    CW mode I/Q demodulator
        Individual programmable phase rotation
        Output dynamic range per channel >160 dBFS/√Hz
    Low power: 195 mW per channel at 12 bits/40 MSPS (TGC), 94 mW per channel for CW Doppler
    Flexible power-down modes
    Overload recovery in <10 ns
    Fast recovery from low power standby mode: <2 μs
    100-lead TQFP_EP

APPLICATIONS
    Medical imaging/ultrasound
    Automotive radar




Similar Part No. - AD9276

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9276 AD-AD9276 Datasheet
832Kb / 49P
Octal LNA/VGA/AAF/12-Bit ADC and CW I/Q Demodulator
23-Feb-2017
AD9276-65EBZ AD-AD9276-65EBZ Datasheet
832Kb / 49P
Octal LNA/VGA/AAF/12-Bit ADC and CW I/Q Demodulator
23-Feb-2017
AD9276-80KITZ AD-AD9276-80KITZ Datasheet
832Kb / 49P
Octal LNA/VGA/AAF/12-Bit ADC and CW I/Q Demodulator
23-Feb-2017
AD9276BSVZ AD-AD9276BSVZ Datasheet
832Kb / 49P
Octal LNA/VGA/AAF/12-Bit ADC and CW I/Q Demodulator
23-Feb-2017
AD9276 AD-AD9276_17 Datasheet
832Kb / 49P
Octal LNA/VGA/AAF/12-Bit ADC and CW I/Q Demodulator
23-Feb-2017
More results


Similar Description - AD9276

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9271 AD-AD9271 Datasheet
1Mb / 58P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Revision 0
AD9272 AD-AD9272 Datasheet
71Kb / 2P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. Sp0
AD9277 AD-AD9277 Datasheet
1Mb / 48P
Octal LNA/VGA/AAF/14-Bit ADC and CW I/Q Demodulator
REV. 0
AD9279 AD-AD9279 Datasheet
971Kb / 44P
Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
REV. 0
AD9271 AD-AD9271_17 Datasheet
1Mb / 61P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
23-Feb-2017
AD9273 AD-AD9273 Datasheet
710Kb / 49P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
7/09-Rev. A to Rev. B
AD9276 AD-AD9276_17 Datasheet
832Kb / 49P
Octal LNA/VGA/AAF/12-Bit ADC and CW I/Q Demodulator
23-Feb-2017
AD9277 AD-AD9277_17 Datasheet
835Kb / 49P
Octal LNA/VGA/AAF/14-Bit ADC and CW I/Q Demodulator
23-Feb-2017
AD9278 AD-AD9278 Datasheet
910Kb / 45P
Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
02/23/2017
AD9279 AD-AD9279_17 Datasheet
958Kb / 45P
Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com