Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

440 Datasheet (PDF) - Intel Corporation

440 Datasheet PDF - Intel Corporation
Part # 440
Download  440 Download
File Size   1930.23 Kbytes
Page   71 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description Celeron M Processor on 65 nm Process

440 Datasheet (PDF)

Go To PDF Page Download Datasheet
440 Datasheet PDF - Intel Corporation

Part # 440
Download  440 Click to download

File Size   1930.23 Kbytes
Page   71 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description Celeron M Processor on 65 nm Process

440 Datasheet (HTML) - Intel Corporation




Similar Part No. - 440

ManufacturerPart #DatasheetDescription
logo
Littelfuse
440 LITTELFUSE-440 Datasheet
200Kb / 4P
Surface Mount Fuses
logo
Intel Corporation
440 INTEL-440 Datasheet
1Mb / 100P
Supporting the Intel Celeron processor
logo
Dremel
440 DREMEL-440 Datasheet
76Kb / 1P
Sanding
2006/2007
logo
FACOM. All rights reser...
440 FACOM-440 Datasheet
241Kb / 1P
440 OGVJ metric and inch combination wrenches
logo
Multicomp Pro
440-050 MULTICOMP-440-050 Datasheet
266Kb / 1P
Battery Holders
08/06/22 V1.0
More results


Similar Description - 440

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM2153 BOARDCOM-BCM2153 Datasheet
232Kb / 2P
7.2-MBPS HEDGE 65-nm MULTIMEDIA BASEBAND PROCESSOR
logo
Intel Corporation
251308-008 INTEL-251308-008 Datasheet
1Mb / 91P
Mobile Intel Celeron Processor on .13 Micron Process and in FCPGA Package
251748-007 INTEL-251748-007 Datasheet
3Mb / 102P
Intel Celeron Processor on 0.13 Micron Process in the 478-Pin Package
298596-004 INTEL-298596-004 Datasheet
1Mb / 82P
Intel Celeron Processor for the PGA370 Socket up to 1.40 GHz on 0.13 Micron Process
390 INTEL-390 Datasheet
879Kb / 68P
Celeron M Processor on 90 nm Process
QX6000 INTEL-QX6000 Datasheet
1Mb / 98P
on 65 nm Process in the 775-land LGA Package supporting Intel 64 architecture
T2700 INTEL-T2700 Datasheet
1Mb / 91P
Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
X9000 INTEL-X9000 Datasheet
1Mb / 77P
Core2 Duo Processor and Core2 Extreme Processor on 45-nm Process
AC82GL40-SLB95 INTEL-AC82GL40-SLB95 Datasheet
1Mb / 98P
Intel짰 Celeron짰 Mobile Processor Dual-Core on 45-nm Process
logo
BOSER Technology Co., L...
HS-1760 BOSER-HS-1760 Datasheet
97Kb / 1P
Intel Core 2 Duo/Celeron M processor
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com