Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

440 Datasheet(PDF) 4 Page - Intel Corporation

Part # 440
Description  Celeron M Processor on 65 nm Process
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

440 Datasheet(HTML) 4 Page - Intel Corporation

  440 Datasheet HTML 1Page - Intel Corporation 440 Datasheet HTML 2Page - Intel Corporation 440 Datasheet HTML 3Page - Intel Corporation 440 Datasheet HTML 4Page - Intel Corporation 440 Datasheet HTML 5Page - Intel Corporation 440 Datasheet HTML 6Page - Intel Corporation 440 Datasheet HTML 7Page - Intel Corporation 440 Datasheet HTML 8Page - Intel Corporation 440 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 71 page
background image
4
Datasheet
Figures
1
Package-Level Low Power States ................................................................................11
2
Core Low Power States..............................................................................................12
3Active VCC and ICC Loadline for the Celeron M Processor Standard Voltage .......................28
4Active VCC and ICC Loadline for the Celeron M Processor Ultra Low Voltage.......................28
5
Micro-FCPGA Processor Package Drawing (Sheet 1 of 2) ................................................32
6
Micro-FCPGA Processor Package Drawing (Sheet 2 of 2) ................................................33
7
Micro-FCBGA Processor Package Drawing (Sheet 1 of 2) ................................................34
8
Micro-FCBGA Processor Package Drawing (Sheet 2 of 2) ................................................35
Tables
1
Coordination of Core-Level Low Power States at the Package Level for the Celeron M
Processor ................................................................................................................11
2
Voltage Identification Definition..................................................................................19
3
BSEL[2:0] Encoding for BCLK Frequency......................................................................23
4
FSB Pin Groups ........................................................................................................24
5
Processor DC Absolute Maximum Ratings.....................................................................25
6
Voltage and Current Specifications for the Celeron M Processor Standard Voltage..............26
7
Voltage and Current Specifications for the Celeron M Processor Ultra Low Voltage .............27
8
FSB Differential BCLK Specifications ............................................................................29
9
AGTL+ Signal Group DC Specifications ........................................................................29
10 CMOS Signal Group DC Specifications..........................................................................30
11 Open Drain Signal Group DC Specifications ..................................................................30
12 The Coordinates of the Processor Pins As Viewed from the Top of the Package .................36
13 Pin Listing by Pin Name .............................................................................................39
14 Pin Listing by Pin Number ..........................................................................................46
15 Signal Description.....................................................................................................55
16 Power Specifications for the Celeron M Processor Standard Voltage .................................64
17 Power Specifications for the Celeron M Processor Ultra Low Voltage.................................65
18 Thermal Diode Interface ............................................................................................66
19 Thermal Diode Parameters using Diode Model ..............................................................66
20 Thermal Diode Parameters using Transistor Mode .........................................................67
21 Thermal Diode ntrim and Diode Correction Toffset..........................................................68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com