Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

440 Datasheet(PDF) 67 Page - Intel Corporation

Part # 440
Description  Celeron M Processor on 65 nm Process
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

440 Datasheet(HTML) 67 Page - Intel Corporation

Back Button 440 Datasheet HTML 63Page - Intel Corporation 440 Datasheet HTML 64Page - Intel Corporation 440 Datasheet HTML 65Page - Intel Corporation 440 Datasheet HTML 66Page - Intel Corporation 440 Datasheet HTML 67Page - Intel Corporation 440 Datasheet HTML 68Page - Intel Corporation 440 Datasheet HTML 69Page - Intel Corporation 440 Datasheet HTML 70Page - Intel Corporation 440 Datasheet HTML 71Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 67 / 71 page
background image
Datasheet
67
Thermal Specifications and Design Considerations
5.
The series resistance, RT, is provided to allow for a more accurate measurement of the
junction temperature. RT, as defined, includes the lands of the processor but does not
include any socket resistance or board trace resistance between the socket and the
external remote diode thermal sensor. RT can be used by remote diode thermal sensors
with automatic series resistance cancellation to calibrate out this error term. Another
application is that a temperature offset can be manually calculated and programmed into
an offset register in the remote diode thermal sensors as exemplified by the equation:
Terror = [RT * (N-1) * IFWmin] / [nk/q * ln N]
where Terror = sensor temperature error, N = sensor current ratio, k = Boltzmann Constant,
q = electronic charge.
NOTES:
1.
Intel does not support or recommend operation of the thermal diode under reverse bias.
2.
Same as IFW in Table 19
3.
Characterized across a temperature range of 50 - 100 °C.
4.
Not 100% tested. Specified by design characterization.
5.
The ideality factor, nQ, represents the deviation from ideal transistor model behavior as
exemplified by the equation for the collector current:
IC = IS * (e
qV
BE
/n
Q
kT –1)
Where IS = saturation current, q = electronic charge, VBE = voltage across the transistor
base emitter junction (same nodes as VD), k = Boltzmann Constant, and T = absolute
temperature (Kelvin).
6.
The series resistance, RT, provided in the Diode Model Table (Table 19) can be used for
more accurate readings as needed.
When calculating a temperature based on thermal diode measurements, a number of
parameters must be either measured or assumed. Most devices measure the diode
ideality and assume a series resistance and ideality trim value, although some are
capable of also measuring the series resistance. Calculating the temperature is then
accomplished using the equations listed under Table 19. In most temperature sensing
devices, an expected value for the diode ideality is designed-in to the temperature
calculation equation. If the designer of the temperature sensing device assumes a
perfect diode the ideality value (also called ntrim) will be 1.000. Given that most diodes
are not perfect, the designers usually select an ntrim value that more closely matches
the behavior of the diodes in the processor. If the processors diode ideality deviates
from that of ntrim, each calculated temperature will be offset by a fixed amount. This
temperature offset can be calculated with the equation:
Terror(nf) = Tmeasured X (1 - nactual/ntrim)
Where Terror(nf) is the offset in degrees C, Tmeasured is in Kelvin, nactual is the measured
ideality of the diode, and ntrim is the diode ideality assumed by the temperature
sensing device.
Table 20.
Thermal Diode Parameters using Transistor Mode
Symbol
Parameter
Min
Typ
Max
Unit
Notes
IFW
Forward Bias
Current
5-
200
µA
1, 2
IE
Emitter Current
5
200
µA
nQ
Transistor Ideality
0.997
1.001
1.005
-
3, 4, 5
Beta
0.3
0.760
3, 4
R
T
Series Resistance
2.79
4.52
6.24
Ω
3, 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com