Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

440 Datasheet(PDF) 69 Page - Intel Corporation

Part # 440
Description  Celeron M Processor on 65 nm Process
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

440 Datasheet(HTML) 69 Page - Intel Corporation

Back Button 440 Datasheet HTML 63Page - Intel Corporation 440 Datasheet HTML 64Page - Intel Corporation 440 Datasheet HTML 65Page - Intel Corporation 440 Datasheet HTML 66Page - Intel Corporation 440 Datasheet HTML 67Page - Intel Corporation 440 Datasheet HTML 68Page - Intel Corporation 440 Datasheet HTML 69Page - Intel Corporation 440 Datasheet HTML 70Page - Intel Corporation 440 Datasheet HTML 71Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 69 / 71 page
background image
Datasheet
69
Thermal Specifications and Design Considerations
When Intel Thermal Monitor 1 is enabled while a high temperature situation exists, the
clocks will be modulated by alternately turning the clocks off and on at a 50% duty
cycle. Cycle times are processor speed dependent and will decrease linearly as
processor core frequencies increase. Once the temperature has returned to a non-
critical level, modulation ceases and TCC goes inactive. A small amount of hysteresis
has been included to prevent rapid active/inactive transitions of the TCC when the
processor temperature is near the trip point. The duty cycle is factory configured and
cannot be modified. Also, automatic mode does not require any additional hardware,
software drivers, or interrupt handling routines. Processor performance will be
decreased by the same amount as the duty cycle when the TCC is active.
The TCC may also be activated via on-demand mode. If bit 4 of the ACPI Intel Thermal
Monitor control register is written to a 1, the TCC will be activated immediately,
independent of the processor temperature. When using on-demand mode to activate
the TCC, the duty cycle of the clock modulation is programmable via bits 3:1 of the
same ACPI Intel Thermal Monitor control register. In automatic mode, the duty cycle is
fixed at 50% on, 50% off, however in on-demand mode, the duty cycle can be
programmed from 12.5% on/ 87.5% off, to 87.5% on/12.5% off in 12.5% increments.
On-demand mode may be used at the same time automatic mode is enabled, however,
if the system tries to enable the TCC via on-demand mode at the same time automatic
mode is enabled and a high temperature condition exists, automatic mode will take
precedence.
An external signal, PROCHOT# (processor hot) is asserted when the processor detects
that its temperature is above the thermal trip point. Bus snooping and interrupt
latching are also active while the TCC is active.
Besides the thermal sensor and thermal control circuit, the Intel Thermal Monitor also
includes one ACPI register, one performance counter register, three MSRs, and one I/O
pin (PROCHOT#). All are available to monitor and control the state of the Intel Thermal
Monitor feature. The Intel Thermal Monitor can be configured to generate an interrupt
upon the assertion or deassertion of PROCHOT#.
Note:
PROCHOT# will not be asserted when the processor is in the Stop Grant, Sleep and
Deep Sleep low power states (internal clocks stopped), hence the thermal diode
reading must be used as a safeguard to maintain the processor junction temperature
within maximum specification. If the platform thermal solution is not able to maintain
the processor junction temperature within the maximum specification, the system must
initiate an orderly shutdown to prevent damage. If the processor enters one of the
above low power states with PROCHOT# already asserted, PROCHOT# will remain
asserted until the processor exits the low power state and the processor junction
temperature drops below the thermal trip point.
Contact your Intel representative for more details on the Intel Thermal Monitor register
and programming details.
If Intel Thermal Monitor automatic mode is disabled, the processor will be operating out
of specification. Regardless of enabling the automatic or on-demand modes, in the
event of a catastrophic cooling failure, the processor will automatically shut down when
the silicon has reached a temperature of approximately 125°C. At this point the
THERMTRIP# signal will go active. THERMTRIP# activation is independent of processor
activity and does not generate any bus cycles. When THERMTRIP# is asserted, the
processor core voltage must be shut down within the time specified in Chapter 3.5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com