Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

440 Datasheet(PDF) 49 Page - Intel Corporation

Part # 440
Description  Celeron M Processor on 65 nm Process
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

440 Datasheet(HTML) 49 Page - Intel Corporation

Back Button 440 Datasheet HTML 45Page - Intel Corporation 440 Datasheet HTML 46Page - Intel Corporation 440 Datasheet HTML 47Page - Intel Corporation 440 Datasheet HTML 48Page - Intel Corporation 440 Datasheet HTML 49Page - Intel Corporation 440 Datasheet HTML 50Page - Intel Corporation 440 Datasheet HTML 51Page - Intel Corporation 440 Datasheet HTML 52Page - Intel Corporation 440 Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 71 page
background image
Datasheet
49
Package Mechanical Specifications and Pin Information
AE20
VCC
Power/Other
AE21
D[58]#
Source Synch
Input/
Output
AE22
D[55]#
Source Synch
Input/
Output
AE23
VSS
Power/Other
AE24
DSTBP[3]#
Source Synch
Input/
Output
AE25
D[60]#
Source Synch
Input/
Output
AE26
VSS
Power/Other
AF1
RSVD
Reserved
AF2
VID[5]
CMOS
Output
AF3
VSS
Power/Other
AF4
VID[3]
CMOS
Output
AF5
VID[1]
CMOS
Output
AF6
VSS
Power/Other
AF7
VCCSENSE
Power/Other
AF8
VSS
Power/Other
AF9
VCC
Power/Other
AF10
VCC
Power/Other
AF11
VSS
Power/Other
AF12
VCC
Power/Other
AF13
VSS
Power/Other
AF14
VCC
Power/Other
AF15
VCC
Power/Other
AF16
VSS
Power/Other
AF17
VCC
Power/Other
AF18
VCC
Power/Other
AF19
VSS
Power/Other
AF20
VCC
Power/Other
AF21
VSS
Power/Other
AF22
D[62]#
Source Synch
Input/
Output
AF23
D[56]#
Source Synch
Input/
Output
AF24
VSS
Power/Other
AF25
D[61]#
Source Synch
Input/
Output
Table 14.
Pin Listing by Pin Number
Pin
Number
Pin Name
Signal
Buffer Type
Direction
AF26
D[63]#
Source Synch
Input/
Output
B1
RESET#
Common
Clock
Input
B2
RSVD
Reserved
B3
INIT#
CMOS
Input
B4
LINT1
CMOS
Input
B5
DPSLP#
CMOS
Input
B6
VSS
Power/Other
B7
VCC
Power/Other
B8
VSS
Power/Other
B9
VCC
Power/Other
B10
VCC
Power/Other
B11
VSS
Power/Other
B12
VCC
Power/Other
B13
VSS
Power/Other
B14
VCC
Power/Other
B15
VCC
Power/Other
B16
VSS
Power/Other
B17
VCC
Power/Other
B18
VCC
Power/Other
B19
VSS
Power/Other
B20
VCC
Power/Other
B21
VSS
Power/Other
B22
BSEL[0]
CMOS
Output
B23
BSEL[1]
CMOS
Output
B24
VSS
Power/Other
B25
RSVD
Reserved
B26
VCCA
Power/Other
C1
RSVD
Reserved
C2
VSS
Power/Other
C3
RSVD
Reserved
C4
IGNNE#
CMOS
Input
C5
VSS
Power/Other
C6
LINT0
CMOS
Input
C7
THERMTRIP
#
Open Drain
Output
C8
VSS
Power/Other
Table 14.
Pin Listing by Pin Number
Pin
Number
Pin Name
Signal
Buffer Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com