Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

440 Datasheet(PDF) 62 Page - Intel Corporation

Part # 440
Description  Celeron M Processor on 65 nm Process
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

440 Datasheet(HTML) 62 Page - Intel Corporation

Back Button 440 Datasheet HTML 58Page - Intel Corporation 440 Datasheet HTML 59Page - Intel Corporation 440 Datasheet HTML 60Page - Intel Corporation 440 Datasheet HTML 61Page - Intel Corporation 440 Datasheet HTML 62Page - Intel Corporation 440 Datasheet HTML 63Page - Intel Corporation 440 Datasheet HTML 64Page - Intel Corporation 440 Datasheet HTML 65Page - Intel Corporation 440 Datasheet HTML 66Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 71 page
background image
Package Mechanical Specifications and Pin Information
62
Datasheet
§
THERMTRIP#
Output
The processor protects itself from catastrophic overheating by use of
an internal thermal sensor. This sensor is set well above the normal
operating temperature to ensure that there are no false trips. The
processor will stop all execution when the junction temperature
exceeds approximately 125°C. This is signalled to the system by the
THERMTRIP# (Thermal Trip) pin.
For termination requirements, please contact your Intel
representative.
TMS
Input
TMS (Test Mode Select) is a JTAG specification support signal used
by debug tools.
Please contact your Intel representative for termination
requirements and implementation details.
TRDY#
Input
TRDY# (Target Ready) is asserted by the target to indicate that it is
ready to receive a write or implicit writeback data transfer. TRDY#
must connect the appropriate pins of both FSB agents.
Please contact your Intel representative for termination
requirements and implementation details.
TRST#
Input
TRST# (Test Reset) resets the Test Access Port (TAP) logic. TRST#
must be driven low during power on Reset.
Please contact your Intel representative for termination
requirements and implementation details.
V
CC
Input
Processor core power supply.
V
CCA
Input
VCCA provides isolated power for the internal processor core PLL’s.
Please contact your Intel representative for complete
implementation details.
V
CCP
Input
Processor I/O Power Supply.
V
CCSENSE
Output
V
CCSENSE is an isolated low impedance connection to processor core
power (VCC). It can be used to sense or measure power near the
silicon with little noise. Please contact your Intel representative for
termination requirements and routing recommendations.
VID[6:0]
Output
VID[6:0] (Voltage ID) pins are used to support automatic selection
of power supply voltages (VCC). Unlike some previous generations of
processors, these are CMOS signals that are driven by the Celeron M
processor. The voltage supply for these pins must be valid before the
VR can supply Vcc to the processor. Conversely, the VR output must
be disabled until the voltage supply for the VID pins becomes valid.
The VID pins are needed to support the processor voltage
specification variations. See Table 2 for definitions of these pins. The
VR must supply the voltage that is requested by the pins, or disable
itself.
V
SSSENSE
Output
V
SSSENSE is an isolated low impedance connection to processor core
V
SS. It can be used to sense or measure ground near the silicon with
little noise.
Please contact your Intel representative for termination
requirements and routing recommendations.
Table 15.
Signal Description (Sheet 8 of 8)
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com