Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

440 Datasheet(PDF) 64 Page - Intel Corporation

Part # 440
Description  Celeron M Processor on 65 nm Process
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

440 Datasheet(HTML) 64 Page - Intel Corporation

Back Button 440 Datasheet HTML 60Page - Intel Corporation 440 Datasheet HTML 61Page - Intel Corporation 440 Datasheet HTML 62Page - Intel Corporation 440 Datasheet HTML 63Page - Intel Corporation 440 Datasheet HTML 64Page - Intel Corporation 440 Datasheet HTML 65Page - Intel Corporation 440 Datasheet HTML 66Page - Intel Corporation 440 Datasheet HTML 67Page - Intel Corporation 440 Datasheet HTML 68Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 71 page
background image
Thermal Specifications and Design Considerations
64
Datasheet
NOTES:
1.
The TDP specification should be used to design the processor thermal solution. The TDP is
not the maximum theoretical power the processor can generate.
2.
Not 100% tested. These power specifications are determined by characterization of the
processor currents at higher temperatures and extrapolating the values for the
temperature indicated.
3.
As measured by the activation of the on-die Intel Thermal Monitor. The Intel Thermal
Monitor’s automatic mode is used to indicate that the maximum TJ has been reached.
Refer to Section 5.1 for more details.
4.
The Intel Thermal Monitor automatic mode must be enabled for the processor to operate
within specifications.
Table 16.
Power Specifications for the Celeron M Processor Standard Voltage
Symbol
Processor
Number
Core Frequency
& Voltage
Thermal Design
Power
Unit
Notes
TDP
450
440
430
420
410
2.00 GHz & HFM VCC
1.86 GHz & HFM VCC
1.73 GHz & HFM VCC
1.60 GHz & HFM VCC
1.46 GHz & HFM VCC
27
27
27
27
27
W1, 4
Symbol
Parameter
Min
Typ
Max
Unit
PAH,
PSGNT
Auto Halt, Stop Grant Power
10.1
W
At
50°C
2
PSLP
Sleep Power at VCC
10.0
W
At
50°C
2
PDSLP
Deep Sleep Power at VCC
6.5
W
At
35°C
2
TJ
Junction Temperature
0
100
°C3, 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com