Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

440 Datasheet(PDF) 19 Page - Intel Corporation

Part # 440
Description  Celeron M Processor on 65 nm Process
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

440 Datasheet(HTML) 19 Page - Intel Corporation

Back Button 440 Datasheet HTML 15Page - Intel Corporation 440 Datasheet HTML 16Page - Intel Corporation 440 Datasheet HTML 17Page - Intel Corporation 440 Datasheet HTML 18Page - Intel Corporation 440 Datasheet HTML 19Page - Intel Corporation 440 Datasheet HTML 20Page - Intel Corporation 440 Datasheet HTML 21Page - Intel Corporation 440 Datasheet HTML 22Page - Intel Corporation 440 Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 71 page
background image
Datasheet
19
Electrical Specifications
Table 2.
Voltage Identification Definition (Sheet 1 of 4)
VID6
VID5
VID4
VID3
VID2
VID1
VID0
VCC(V)
00
00
0
0
0
1.5000
00
00
0
0
1
1.4875
00
00
0
1
0
1.4750
00
00
0
1
1
1.4625
00
00
1
0
0
1.4500
00
00
1
0
1
1.4375
00
00
1
1
0
1.4250
00
00
1
1
1
1.4125
00
01
0
0
0
1.4000
00
01
0
0
1
1.3875
00
01
0
1
0
1.3750
00
01
0
1
1
1.3625
00
01
1
0
0
1.3500
00
01
1
0
1
1.3375
00
01
1
1
0
1.3250
00
01
1
1
1
1.3125
00
10
0
0
0
1.3000
00
10
0
0
1
1.2875
00
10
0
1
0
1.2750
00
10
0
1
1
1.2625
00
10
1
0
0
1.2500
00
10
1
0
1
1.2375
00
10
1
1
0
1.2250
00
10
1
1
1
1.2125
00
11
0
0
0
1.2000
00
11
0
0
1
1.1875
00
11
0
1
0
1.1750
00
11
0
1
1
1.1625
00
11
1
0
0
1.1500
00
11
1
0
1
1.1375
00
11
1
1
0
1.1250
00
11
1
1
1
1.1125
01
00
0
0
0
1.1000
01
00
0
0
1
1.0875
01
00
0
1
0
1.0750
01
00
0
1
1
1.0625
01
00
1
0
0
1.0500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com