Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

440 Datasheet(PDF) 28 Page - Intel Corporation

Part # 440
Description  Celeron M Processor on 65 nm Process
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

440 Datasheet(HTML) 28 Page - Intel Corporation

Back Button 440 Datasheet HTML 24Page - Intel Corporation 440 Datasheet HTML 25Page - Intel Corporation 440 Datasheet HTML 26Page - Intel Corporation 440 Datasheet HTML 27Page - Intel Corporation 440 Datasheet HTML 28Page - Intel Corporation 440 Datasheet HTML 29Page - Intel Corporation 440 Datasheet HTML 30Page - Intel Corporation 440 Datasheet HTML 31Page - Intel Corporation 440 Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 71 page
background image
Electrical Specifications
28
Datasheet
Figure 3.
Active VCC and ICC Loadline for the Celeron M Processor Standard Voltage
Figure 4.
Active VCC and ICC Loadline for the Celeron M Processor Ultra Low Voltage
ICC max
VCC [V]
VCC nom
+/-VCC nom * 1.5%
= VR St. Pt. Error 1/
VCC, DC min
VCC, DC max
VCC max
VCC min
10mV= RIPPLE
ICC [A]
0
Slope = -2.1 mV/A at package
VccSense, VssSense pins.
Differential Remote Sense required.
No t e 1 / V CC Set Poi nt Error Tol erance i s per below :
To l e ra nce
V CC Active Mode VID Code Range
--------------- --------------------------------------------------------
+/- 1 .5%
V CC > 0.7500 V (VID 0111100) .
+/ -11.5mV
V CC < 0.7500 V (VID 0111100)
ICC-CORE max
VCC-CORE [V]
VCC nom
+/-VCC-CORE Tolerance
= VR St. Pt. Error 1/
VCC-DC min
VCC- DC max
VCC max
VCC min
10mV= RIPPLE
0
Slope = -5.1 mV/A at package
VccSense, VssSense pins.
Differential Remote Sense required.
No t e 1 /
V CC S e t P o in t E r r o r T o le r a n c e is p e r b e lo w :
To l e r a n c e
V CC VI D Vol t a g e R a ng e
- --- -- --- --- --- --- -- --- --- --- -- --- --- -- --- --- --- -- --- --- -- --- --- --- -- --
+/ -1 . 5 %
V CC > 0. 750 0 V
+/ - 11. 5m V
0 . 7 5 0 0 0 V < V CC < 0. 50 00 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com