Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

440 Datasheet(PDF) 14 Page - Intel Corporation

Part # 440
Description  Celeron M Processor on 65 nm Process
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

440 Datasheet(HTML) 14 Page - Intel Corporation

Back Button 440 Datasheet HTML 10Page - Intel Corporation 440 Datasheet HTML 11Page - Intel Corporation 440 Datasheet HTML 12Page - Intel Corporation 440 Datasheet HTML 13Page - Intel Corporation 440 Datasheet HTML 14Page - Intel Corporation 440 Datasheet HTML 15Page - Intel Corporation 440 Datasheet HTML 16Page - Intel Corporation 440 Datasheet HTML 17Page - Intel Corporation 440 Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 71 page
background image
Low Power Features
14
Datasheet
deassertion (AC Specification T45). When re-entering the Stop-Grant state from the
Sleep state, STPCLK# should be deasserted ten or more bus clocks after the
deassertion of SLP# (AC Specification T75).
While in the Stop-Grant State, the processor will service snoops and latch interrupts
delivered on the FSB. The processor will latch SMI#, INIT#, LINT[1:0] interrupts and
will serviced only upon return to the Normal state.
While in Stop-Grant state, the processor will process snoops on the FSB and it will latch
interrupts delivered on the FSB.
The PBE# signal may be driven when the processor is in Stop-Grant state. PBE# will be
asserted if there is any pending interrupt or monitor event latched within the processor.
Pending interrupts that are blocked by the EFLAGS.IF bit being clear will still cause
assertion of PBE#. Assertion of PBE# indicates to system logic that the processor
should return to the Normal state.
A transition to the Stop Grant Snoop state will occur when the processor detects a
snoop on the FSB (see Section 2.1.2.3). A transition to the Sleep state (see
Section 2.1.2.4) will occur with the assertion of the SLP# signal.
2.1.2.3
Stop Grant Snoop State
The processor will respond to snoop or interrupt transactions on the FSB while in Stop-
Grant state by entering the Stop-Grant Snoop state. The processor will stay in this
state until the snoop on the FSB has been serviced (whether by the processor or
another agent on the FSB) or the interrupt has been latched. The processor will return
to the Stop-Grant state once the snoop has been serviced or the interrupt has been
latched.
2.1.2.4
Sleep State
The Sleep state is a low power state in which the processor maintains its context,
maintains the phase-locked loop (PLL), and stops all internal clocks. The Sleep state is
entered through assertion of the SLP# signal while in the Stop-Grant state. The SLP#
pin should only be asserted when the processor is in the Stop-Grant state. SLP#
assertions while the processor is not in the Stop-Grant state is out of specification and
may result in unapproved operation.
In the Sleep state, the processor is incapable of responding to snoop transactions or
latching interrupt signals. No transitions or assertions of signals (with the exception of
SLP#, DPSLP# or RESET#) are allowed on the FSB while the processor is in Sleep
state. Snoop events that occur while in Sleep state or during a transition into or out of
Sleep state will cause unpredictable behavior. Any transition on an input signal before
the processor has returned to the Stop-Grant state will result in unpredictable behavior.
If RESET# is driven active while the processor is in the Sleep state, and held active as
specified in the RESET# pin specification, then the processor will reset itself, ignoring
the transition through Stop-Grant State. If RESET# is driven active while the processor
is in the Sleep State, the SLP# and STPCLK# signals should be deasserted immediately
after RESET# is asserted to ensure the processor correctly executes the Reset
sequence.
While in the Sleep state, the processor is capable of entering an even lower power
state, the Deep Sleep state, by asserting the DPSLP# pin. (See Section 2.1.2.5.) While
the processor is in the Sleep state, the SLP# pin must be deasserted if another
asynchronous FSB event needs to occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com