Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

440 Datasheet(PDF) 18 Page - Intel Corporation

Part # 440
Description  Celeron M Processor on 65 nm Process
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

440 Datasheet(HTML) 18 Page - Intel Corporation

Back Button 440 Datasheet HTML 14Page - Intel Corporation 440 Datasheet HTML 15Page - Intel Corporation 440 Datasheet HTML 16Page - Intel Corporation 440 Datasheet HTML 17Page - Intel Corporation 440 Datasheet HTML 18Page - Intel Corporation 440 Datasheet HTML 19Page - Intel Corporation 440 Datasheet HTML 20Page - Intel Corporation 440 Datasheet HTML 21Page - Intel Corporation 440 Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 71 page
background image
Electrical Specifications
18
Datasheet
3.3.1
VCC Decoupling
Regulator solutions need to provide bulk capacitance with a low effective series
resistance (ESR) and keep a low interconnect resistance from the regulator to the
socket. Bulk decoupling for the large current swings when the part is powering on, or
entering/exiting low-power states, must be provided by the voltage regulator solution.
It is strongly recommended that the layout and decoupling recommendations be
followed - for more details, contact your Intel representative.
3.3.2
FSB AGTL+ Decoupling
Celeron M processors integrate signal termination on the die as well as incorporate high
frequency decoupling capacitance on the processor package. Decoupling must also be
provided by the system motherboard for proper AGTL+ bus operation. For more
information, contact your Intel representative.
3.3.3
FSB Clock (BCLK[1:0]) and Processor Clocking
BCLK[1:0] directly controls the FSB interface speed as well as the core frequency of the
processor. As in previous generation processors, the Celeron M processor core
frequency is a multiple of the BCLK[1:0] frequency. The Celeron M processor bus ratio
multiplier will be set at its default ratio at manufacturing. The Celeron M processor uses
a differential clocking implementation. For more information on Celeron M processor
clocking, contact your Intel representative.
3.4
Voltage Identification and Power Sequencing
Information regarding the VID specification for the Celeron M processor is available
from your Intel representative.
The Celeron M processor uses seven voltage identification pins, VID[6:0], to support
automatic selection of power supply voltages. The VID pins for Celeron M processor are
CMOS outputs driven by the processor VID circuitry. Table 2 specifies the voltage level
corresponding to the state of VID[6:0]. For more details about VR design to support the
Celeron M processor power supply requirements, please contact your Intel
representative.
Power source characteristics must be stable whenever the supply to the voltage
regulator is stable. Refer to the Figure 3 for timing details of the power-up sequence.
Figure 4 shows the power-down sequencing requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com