Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

440 Datasheet(PDF) 51 Page - Intel Corporation

Part # 440
Description  Celeron M Processor on 65 nm Process
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

440 Datasheet(HTML) 51 Page - Intel Corporation

Back Button 440 Datasheet HTML 47Page - Intel Corporation 440 Datasheet HTML 48Page - Intel Corporation 440 Datasheet HTML 49Page - Intel Corporation 440 Datasheet HTML 50Page - Intel Corporation 440 Datasheet HTML 51Page - Intel Corporation 440 Datasheet HTML 52Page - Intel Corporation 440 Datasheet HTML 53Page - Intel Corporation 440 Datasheet HTML 54Page - Intel Corporation 440 Datasheet HTML 55Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 71 page
background image
Datasheet
51
Package Mechanical Specifications and Pin Information
E26
D[2]#
Source Synch
Input/
Output
F1
BR0#
Common
Clock
Input/
Output
F2
VSS
Power/Other
F3
RS[0]#
Common
Clock
Input
F4
RS[1]#
Common
Clock
Input
F5
VSS
Power/Other
F6
RSVD
Reserved
F7
VCC
Power/Other
F8
VSS
Power/Other
F9
VCC
Power/Other
F10
VCC
Power/Other
F11
VSS
Power/Other
F12
VCC
Power/Other
F13
VSS
Power/Other
F14
VCC
Power/Other
F15
VCC
Power/Other
F16
VSS
Power/Other
F17
VCC
Power/Other
F18
VCC
Power/Other
F19
VSS
Power/Other
F20
VCC
Power/Other
F21
DRDY#
Common
Clock
Input/
Output
F22
VSS
Power/Other
F23
D[4]#
Source Synch
Input/
Output
F24
D[1]#
Source Synch
Input/
Output
F25
VSS
Power/Other
F26
D[13]#
Source Synch
Input/
Output
G1
VSS
Power/Other
G2
TRDY#
Common
Clock
Input
G3
RS[2]#
Common
Clock
Input
Table 14.
Pin Listing by Pin Number
Pin
Number
Pin Name
Signal
Buffer Type
Direction
G4
VSS
Power/Other
G5
BPRI#
Common
Clock
Input
G6
HIT#
Common
Clock
Input/
Output
G21
VCCP
Power/Other
G22
DSTBP[0]#
Source Synch
Input/
Output
G23
VSS
Power/Other
G24
D[9]#
Source Synch
Input/
Output
G25
D[5]#
Source Synch
Input/
Output
G26
VSS
Power/Other
H1
ADS#
Common
Clock
Input/
Output
H2
REQ[1]#
Source Synch
Input/
Output
H3
VSS
Power/Other
H4
LOCK#
Common
Clock
Input/
Output
H5
DEFER#
Common
Clock
Input
H6
VSS
Power/Other
H21
VSS
Power/Other
H22
D[3]#
Source Synch
Input/
Output
H23
DSTBN[0]#
Source Synch
Input/
Output
H24
VSS
Power/Other
H25
D[15]#
Source Synch
Input/
Output
H26
D[12]#
Source Synch
Input/
Output
J1
A[9]#
Source Synch
Input/
Output
J2
VSS
Power/Other
J3
REQ[3]#
Source Synch
Input/
Output
J4
A[3]#
Source Synch
Input/
Output
J5
VSS
Power/Other
Table 14.
Pin Listing by Pin Number
Pin
Number
Pin Name
Signal
Buffer Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com