Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

440 Datasheet(PDF) 44 Page - Intel Corporation

Part # 440
Description  Celeron M Processor on 65 nm Process
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

440 Datasheet(HTML) 44 Page - Intel Corporation

Back Button 440 Datasheet HTML 40Page - Intel Corporation 440 Datasheet HTML 41Page - Intel Corporation 440 Datasheet HTML 42Page - Intel Corporation 440 Datasheet HTML 43Page - Intel Corporation 440 Datasheet HTML 44Page - Intel Corporation 440 Datasheet HTML 45Page - Intel Corporation 440 Datasheet HTML 46Page - Intel Corporation 440 Datasheet HTML 47Page - Intel Corporation 440 Datasheet HTML 48Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 71 page
background image
Package Mechanical Specifications and Pin Information
44
Datasheet
VCC
B10
Power/Other
VCC
B9
Power/Other
VCC
A10
Power/Other
VCC
A9
Power/Other
VCC
D10
Power/Other
VCC
D9
Power/Other
VCC
C10
Power/Other
VCC
C9
Power/Other
VCC
F10
Power/Other
VCC
F9
Power/Other
VCC
E10
Power/Other
VCC
E9
Power/Other
VCC
B7
Power/Other
VCC
A7
Power/Other
VCC
F7
Power/Other
VCC
E7
Power/Other
VCCA
B26
Power/Other
VCCP
K6
Power/Other
VCCP
J6
Power/Other
VCCP
M6
Power/Other
VCCP
N6
Power/Other
VCCP
T6
Power/Other
VCCP
R6
Power/Other
VCCP
K21
Power/Other
VCCP
J21
Power/Other
VCCP
M21
Power/Other
VCCP
N21
Power/Other
VCCP
T21
Power/Other
VCCP
R21
Power/Other
VCCP
V21
Power/Other
VCCP
W21
Power/Other
VCCP
V6
Power/Other
VCCP
G21
Power/Other
VCCSENSE
AF7
Power/Other
VID[0]
AD6
CMOS
Output
VID[1]
AF5
CMOS
Output
VID[2]
AE5
CMOS
Output
Table 13.
Pin Listing by Pin Name
Pin Name
Pin
Number
Signal
Buffer Type
Direction
VID[3]
AF4
CMOS
Output
VID[4]
AE3
CMOS
Output
VID[5]
AF2
CMOS
Output
VID[6]
AE2
CMOS
Output
VSS
AB26
Power/Other
VSS
AA25
Power/Other
VSS
AD25
Power/Other
VSS
AE26
Power/Other
VSS
AB23
Power/Other
VSS
AC24
Power/Other
VSS
AF24
Power/Other
VSS
AE23
Power/Other
VSS
AA22
Power/Other
VSS
AD22
Power/Other
VSS
AC21
Power/Other
VSS
AF21
Power/Other
VSS
AB19
Power/Other
VSS
AA19
Power/Other
VSS
AD19
Power/Other
VSS
AC19
Power/Other
VSS
AF19
Power/Other
VSS
AE19
Power/Other
VSS
AB16
Power/Other
VSS
AA16
Power/Other
VSS
AD16
Power/Other
VSS
AC16
Power/Other
VSS
AF16
Power/Other
VSS
AE16
Power/Other
VSS
AB13
Power/Other
VSS
AA14
Power/Other
VSS
AD13
Power/Other
VSS
AC14
Power/Other
VSS
AF13
Power/Other
VSS
AE14
Power/Other
VSS
AB11
Power/Other
VSS
AA11
Power/Other
VSS
AD11
Power/Other
Table 13.
Pin Listing by Pin Name
Pin Name
Pin
Number
Signal
Buffer Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com