Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

440 Datasheet(PDF) 12 Page - Intel Corporation

Part # 440
Description  Celeron M Processor on 65 nm Process
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

440 Datasheet(HTML) 12 Page - Intel Corporation

Back Button 440 Datasheet HTML 8Page - Intel Corporation 440 Datasheet HTML 9Page - Intel Corporation 440 Datasheet HTML 10Page - Intel Corporation 440 Datasheet HTML 11Page - Intel Corporation 440 Datasheet HTML 12Page - Intel Corporation 440 Datasheet HTML 13Page - Intel Corporation 440 Datasheet HTML 14Page - Intel Corporation 440 Datasheet HTML 15Page - Intel Corporation 440 Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 71 page
background image
Low Power Features
12
Datasheet
2.1.1
Core Low-Power States
2.1.1.1
C0 State
This is the normal operating state for the core of the Celeron M processor.
2.1.1.2
C1/AutoHALT Powerdown State
C1/AutoHALT is a low power state entered when the processor core executes the HALT
instruction. The processor core will transition to the C0 state upon the occurrence of
SMI#, INIT#, LINT[1:0] (NMI, INTR), or FSB interrupt message. RESET# will cause the
processor to immediately initialize itself.
A System Management Interrupt (SMI) handler will return execution to either Normal
state or the AutoHALT Powerdown state. See the IA-32 Intel® Architecture Software
Developer's Manual, Volume 3A/3B: System Programmer's Guide for more information.
The system can generate a STPCLK# while the processor is in the AutoHALT
Powerdown state. When the system deasserts the STPCLK# interrupt, the processor
will return execution to the HALT state.
While in AutoHALT Powerdown state the Celeron M processor will process only the bus
snoops. The processor core will enter a snoopable sub-state (not shown in Figure 2) to
process the snoop and then return to the AutoHALT Powerdown state.
Figure 2.
Core Low Power States
C2
†
C0
Stop
Grant
Core state
break
P_LVL2 or
MWAIT(C2)
C3
†
Core
state
break
P_LVL3 or
MWAIT(C3)
C1/
MWAIT
Core state
break
MWAIT(C1)
C1/Auto
Halt
Halt break
HLT instruction
STPCLK#
de-asserted
STPCLK#
asserted
STPCLK#
de-asserted
STPCLK#
asserted
STPCLK#
de-asserted
STPCLK#
asserted
halt break = A20M# transition, INIT#, INTR, NMI, PREQ#, RESET#, SMI#, or APIC interrupt
core state break = (halt break OR Monitor event) AND STPCLK# high (not asserted)
† — STPCLK# assertion and de-assertion have no affect if a core is in C2, or C3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com