Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

440 Datasheet(PDF) 59 Page - Intel Corporation

Part # 440
Description  Celeron M Processor on 65 nm Process
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

440 Datasheet(HTML) 59 Page - Intel Corporation

Back Button 440 Datasheet HTML 55Page - Intel Corporation 440 Datasheet HTML 56Page - Intel Corporation 440 Datasheet HTML 57Page - Intel Corporation 440 Datasheet HTML 58Page - Intel Corporation 440 Datasheet HTML 59Page - Intel Corporation 440 Datasheet HTML 60Page - Intel Corporation 440 Datasheet HTML 61Page - Intel Corporation 440 Datasheet HTML 62Page - Intel Corporation 440 Datasheet HTML 63Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 71 page
background image
Datasheet
59
Package Mechanical Specifications and Pin Information
IGNNE#
Input
IGNNE# (Ignore Numeric Error) is asserted to force the processor to
ignore a numeric error and continue to execute noncontrol floating-
point instructions. If IGNNE# is deasserted, the processor generates
an exception on a noncontrol floating-point instruction if a previous
floating-point instruction caused an error. IGNNE# has no effect
when the NE bit in control register 0 (CR0) is set.
IGNNE# is an asynchronous signal. However, to ensure recognition
of this signal following an Input/Output write instruction, it must be
valid along with the TRDY# assertion of the corresponding Input/
Output Write bus transaction.
INIT#
Input
INIT# (Initialization), when asserted, resets integer registers inside
the processor without affecting its internal caches or floating-point
registers. The processor then begins execution at the power-on
Reset vector configured during power-on configuration. The
processor continues to handle snoop requests during INIT#
assertion. INIT# is an asynchronous signal. However, to ensure
recognition of this signal following an Input/Output Write
instruction, it must be valid along with the TRDY# assertion of the
corresponding Input/Output Write bus transaction. INIT# must
connect the appropriate pins of both FSB agents.
If INIT# is sampled active on the active to inactive transition of
RESET#, then the processor executes its Built-in Self-Test (BIST).
For termination requirements, please contact your Intel
representative.
LINT[1:0]
Input
LINT[1:0] (Local APIC Interrupt) must connect the appropriate pins
of all APIC Bus agents. When the APIC is disabled, the LINT0 signal
becomes INTR, a maskable interrupt request signal, and LINT1
becomes NMI, a nonmaskable interrupt. INTR and NMI are backward
compatible with the signals of those names on the Intel® Pentium®
processor. Both signals are asynchronous.
Both of these signals must be software configured via BIOS
programming of the APIC register space to be used either as NMI/
INTR or LINT[1:0]. Because the APIC is enabled by default after
Reset, operation of these pins as LINT[1:0] is the default
configuration.
LOCK#
Input/
Output
LOCK# indicates to the system that a transaction must occur
atomically. This signal must connect the appropriate pins of both
FSB agents. For a locked sequence of transactions, LOCK# is
asserted from the beginning of the first transaction to the end of the
last transaction.
When the priority agent asserts BPRI# to arbitrate for ownership of
the FSB, it will wait until it observes LOCK# deasserted. This enables
symmetric agents to retain ownership of the FSB throughout the bus
locked operation and ensure the atomicity of lock.
PRDY#
Output
Probe Ready signal used by debug tools to determine processor
debug readiness.
Please contact your Intel representative for more implementation
details.
PREQ#
Input
Probe Request signal used by debug tools to request debug
operation of the processor.
Please contact your Intel representative for more implementation
details.
Table 15.
Signal Description (Sheet 5 of 8)
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com