Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

440 Datasheet(PDF) 45 Page - Intel Corporation

Part # 440
Description  Celeron M Processor on 65 nm Process
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

440 Datasheet(HTML) 45 Page - Intel Corporation

Back Button 440 Datasheet HTML 41Page - Intel Corporation 440 Datasheet HTML 42Page - Intel Corporation 440 Datasheet HTML 43Page - Intel Corporation 440 Datasheet HTML 44Page - Intel Corporation 440 Datasheet HTML 45Page - Intel Corporation 440 Datasheet HTML 46Page - Intel Corporation 440 Datasheet HTML 47Page - Intel Corporation 440 Datasheet HTML 48Page - Intel Corporation 440 Datasheet HTML 49Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 71 page
background image
Datasheet
45
Package Mechanical Specifications and Pin Information
VSS
AC11
Power/Other
VSS
AF11
Power/Other
VSS
AE11
Power/Other
VSS
AB8
Power/Other
VSS
AA8
Power/Other
VSS
AD8
Power/Other
VSS
AC8
Power/Other
VSS
AF8
Power/Other
VSS
AE8
Power/Other
VSS
AA5
Power/Other
VSS
AD5
Power/Other
VSS
AC6
Power/Other
VSS
AF6
Power/Other
VSS
AB4
Power/Other
VSS
AC3
Power/Other
VSS
AF3
Power/Other
VSS
AE4
Power/Other
VSS
AB1
Power/Other
VSS
AA2
Power/Other
VSS
AD2
Power/Other
VSS
AE1
Power/Other
VSS
B6
Power/Other
VSS
C5
Power/Other
VSS
F5
Power/Other
VSS
E6
Power/Other
VSS
H6
Power/Other
VSS
J5
Power/Other
VSS
M5
Power/Other
VSS
L6
Power/Other
VSS
P6
Power/Other
VSS
R5
Power/Other
VSS
V5
Power/Other
VSS
U6
Power/Other
VSS
Y6
Power/Other
VSS
A4
Power/Other
VSS
D4
Power/Other
VSS
E3
Power/Other
Table 13.
Pin Listing by Pin Name
Pin Name
Pin
Number
Signal
Buffer Type
Direction
VSS
H3
Power/Other
VSS
G4
Power/Other
VSS
K4
Power/Other
VSS
L3
Power/Other
VSS
P3
Power/Other
VSS
N4
Power/Other
VSS
T4
Power/Other
VSS
U3
Power/Other
VSS
Y3
Power/Other
VSS
W4
Power/Other
VSS
D1
Power/Other
VSS
C2
Power/Other
VSS
F2
Power/Other
VSS
G1
Power/Other
VSS
K1
Power/Other
VSS
J2
Power/Other
VSS
M2
Power/Other
VSS
N1
Power/Other
VSS
T1
Power/Other
VSS
R2
Power/Other
VSS
V2
Power/Other
VSS
W1
Power/Other
VSS
A26
Power/Other
VSS
D26
Power/Other
VSS
C25
Power/Other
VSS
F25
Power/Other
VSS
B24
Power/Other
VSS
A23
Power/Other
VSS
D23
Power/Other
VSS
E24
Power/Other
VSS
B21
Power/Other
VSS
C22
Power/Other
VSS
F22
Power/Other
VSS
E21
Power/Other
VSS
B19
Power/Other
VSS
A19
Power/Other
VSS
D19
Power/Other
Table 13.
Pin Listing by Pin Name
Pin Name
Pin
Number
Signal
Buffer Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com