Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

440 Datasheet(PDF) 47 Page - Intel Corporation

Part # 440
Description  Celeron M Processor on 65 nm Process
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

440 Datasheet(HTML) 47 Page - Intel Corporation

Back Button 440 Datasheet HTML 43Page - Intel Corporation 440 Datasheet HTML 44Page - Intel Corporation 440 Datasheet HTML 45Page - Intel Corporation 440 Datasheet HTML 46Page - Intel Corporation 440 Datasheet HTML 47Page - Intel Corporation 440 Datasheet HTML 48Page - Intel Corporation 440 Datasheet HTML 49Page - Intel Corporation 440 Datasheet HTML 50Page - Intel Corporation 440 Datasheet HTML 51Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 71 page
background image
Datasheet
47
Package Mechanical Specifications and Pin Information
A17
VCC
Power/Other
A18
VCC
Power/Other
A19
VSS
Power/Other
A20
VCC
Power/Other
A21
BCLK[1]
Bus Clock
Input
A22
BCLK[0]
Bus Clock
Input
A23
VSS
Power/Other
A24
THERMDA
Power/Other
A25
THERMDC
Power/Other
A26
VSS
Power/Other
AA1
RSVD
Reserved
AA2
VSS
Power/Other
AA3
RSVD
Reserved
AA4
RSVD
Reserved
AA5
VSS
Power/Other
AA6
TDI
CMOS
Input
AA7
VCC
Power/Other
AA8
VSS
Power/other
AA9
VCC
Power/Other
AA10
VCC
Power/Other
AA11
VSS
Power/Other
AA12
VCC
Power/Other
AA13
VCC
Power/Other
AA14
VSS
Power/Other
AA15
VCC
Power/Other
AA16
VSS
Power/Other
AA17
VCC
Power/Other
AA18
VCC
Power/Other
AA19
VSS
Power/Other
AA20
VCC
Power/Other
AA21
D[51]#
Source Synch
Input/
Output
AA22
VSS
Power/Other
AA23
D[32]#
Source Synch
Input/
Output
AA24
D[47]#
Source Synch
Input/
Output
AA25
VSS
Power/Other
Table 14.
Pin Listing by Pin Number
Pin
Number
Pin Name
Signal
Buffer Type
Direction
AA26
D[43]#
Source Synch
Input/
Output
AB1
VSS
Power/Other
AB2
RSVD
Reserved
AB3
TDO
Open Drain
Output
AB4
VSS
Power/Other
AB5
TMS
CMOS
Input
AB6
TRST#
CMOS
Input
AB7
VCC
Power/Other
AB8
VSS
Power/Other
AB9
VCC
Power/Other
AB10
VCC
Power/Other
AB11
VSS
Power/Other
AB12
VCC
Power/Other
AB13
VSS
Power/Other
AB14
VCC
Power/Other
AB15
VCC
Power/Other
AB16
VSS
Power/Other
AB17
VCC
Power/Other
AB18
VCC
Power/Other
AB19
VSS
Power/Other
AB20
VCC
Power/Other
AB21
D[52]#
Source Synch
Input/
Output
AB22
D[50]#
Source Synch
Input/
Output
AB23
VSS
Power/Other
AB24
D[33]#
Source Synch
Input/
Output
AB25
D[40]#
Source Synch
Input/
Output
AB26
VSS
Power/Other
AC1
PREQ#
Common
Clock
Input
AC2
PRDY#
Common
Clock
Output
AC3
VSS
Power/Other
AC4
BPM[3]#
Common
Clock
Input/
Output
AC5
TCK
CMOS
Input
Table 14.
Pin Listing by Pin Number
Pin
Number
Pin Name
Signal
Buffer Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com