Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

440 Datasheet(PDF) 3 Page - Intel Corporation

Part # 440
Description  Celeron M Processor on 65 nm Process
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

440 Datasheet(HTML) 3 Page - Intel Corporation

  440 Datasheet HTML 1Page - Intel Corporation 440 Datasheet HTML 2Page - Intel Corporation 440 Datasheet HTML 3Page - Intel Corporation 440 Datasheet HTML 4Page - Intel Corporation 440 Datasheet HTML 5Page - Intel Corporation 440 Datasheet HTML 6Page - Intel Corporation 440 Datasheet HTML 7Page - Intel Corporation 440 Datasheet HTML 8Page - Intel Corporation 440 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 71 page
background image
Datasheet
3
Contents
1Introduction ..............................................................................................................7
1.1
Terminology .......................................................................................................8
1.2
References .........................................................................................................9
2
Low Power Features ................................................................................................ 11
2.1
Clock Control and Low Power States .................................................................... 11
2.1.1
Core Low-Power States ........................................................................... 12
2.1.2
Package Low Power States ...................................................................... 13
2.2
FSB Low Power Enhancements ............................................................................ 15
2.3
Processor Power Status Indicator (PSI#) Signal..................................................... 16
3
Electrical Specifications ........................................................................................... 17
3.1
FSB (Front Side Bus) and GTLREF........................................................................ 17
3.2
Power and Ground Pins ...................................................................................... 17
3.3
Decoupling Guidelines........................................................................................ 17
3.3.1
VCC Decoupling...................................................................................... 18
3.3.2
FSB AGTL+ Decoupling ........................................................................... 18
3.3.3
FSB Clock (BCLK[1:0]) and Processor Clocking........................................... 18
3.4
Voltage Identification and Power Sequencing ........................................................ 18
3.5
Catastrophic Thermal Protection .......................................................................... 22
3.6
Signal Terminations and Unused Pins ................................................................... 22
3.7
FSB Frequency Select Signals (BSEL[2:0])............................................................ 23
3.8
FSB Signal Groups............................................................................................. 23
3.9
CMOS Signals ................................................................................................... 25
3.10 Maximum Ratings.............................................................................................. 25
3.11 Processor DC Specifications ................................................................................ 25
4
Package Mechanical Specifications and Pin Information .......................................... 31
4.1
Processor Component Keep-Out Zones................................................................. 31
4.2
Package Loading Specifications ........................................................................... 31
4.3
Processor Mass Specifications ............................................................................. 31
4.4
Processor Pinout and Pin List .............................................................................. 36
4.5
Alphabetical Signals Reference ............................................................................ 55
5
Thermal Specifications and Design Considerations .................................................. 63
5.1
Thermal Specifications ....................................................................................... 65
5.1.1
Thermal Diode ....................................................................................... 65
5.1.2
Thermal Diode Offset .............................................................................. 68
5.1.3
Intel® Thermal Monitor........................................................................... 68
5.1.4
Digital Thermal Sensor............................................................................ 70
5.1.5
Out of Specification Detection .................................................................. 70
5.1.6
PROCHOT# Signal Pin ............................................................................. 70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com