Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

440 Datasheet(PDF) 24 Page - Intel Corporation

Part # 440
Description  Celeron M Processor on 65 nm Process
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

440 Datasheet(HTML) 24 Page - Intel Corporation

Back Button 440 Datasheet HTML 20Page - Intel Corporation 440 Datasheet HTML 21Page - Intel Corporation 440 Datasheet HTML 22Page - Intel Corporation 440 Datasheet HTML 23Page - Intel Corporation 440 Datasheet HTML 24Page - Intel Corporation 440 Datasheet HTML 25Page - Intel Corporation 440 Datasheet HTML 26Page - Intel Corporation 440 Datasheet HTML 27Page - Intel Corporation 440 Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 71 page
background image
Electrical Specifications
24
Datasheet
NOTES:
1.
Refer to Chapter 4 for signal descriptions and termination requirements.
2.
In processor systems where there is no debug port implemented on the system board,
these signals are used to support a debug port interposer. In systems with the debug port
implemented on the system board, these signals are no connects.
3.
BPM[2:1]# and PRDY# are AGTL+ output only signals.
4.
PROCHOT# signal type is open drain output and CMOS input.
Table 4.
FSB Pin Groups
Signal Group
Type
Signals1
AGTL+ Common Clock Input
Synchronous
to BCLK[1:0]
BPRI#, DEFER#, DPWR#, PREQ#, RESET#,
RS[2:0]#, TRDY#
AGTL+ Common Clock I/O
Synchronous
to BCLK[1:0]
ADS#, BNR#, BPM[3:0]#3, BR0#, DBSY#,
DRDY#, HIT#, HITM#, LOCK#, PRDY#3
AGTL+ Source Synchronous
I/O
Synchronous
to assoc.
strobe
AGTL+ Strobes
Synchronous
to BCLK[1:0]
ADSTB[1:0]#, DSTBP[3:0]#, DSTBN[3:0]#
CMOS Input
Asynchronous
A20M#, DPRSTP# (not used), DPSLP#, IGNNE#,
INIT#, LINT0/INTR, LINT1/NMI, PWRGOOD,
SMI#, SLP#, STPCLK#
Open Drain Output
Asynchronous FERR#, IERR#, THERMTRIP#
Open Drain I/O
Asynchronous PROCHOT#4
CMOS Output
Asynchronous PSI#, VID[6:0], BSEL[2:0]
CMOS Input
Synchronous
to TCK
TCK, TDI, TMS, TRST#
Open Drain Output
Synchronous
to TCK
TDO
FSB Clock
Clock
BCLK[1:0]
Power/Other
COMP[3:0], DBR#2, GTLREF, RSVD, TEST2,
TEST1, THERMDA, THERMDC, VCC, VCCA, VCCP,
VCCSENSE, VSS, VSSSENSE
Signals
Associated Strobe
REQ[4:0]#,
A[16:3]#
ADSTB[0]#
A[31:17]#
ADSTB[1]#
D[15:0]#, DINV0#
DSTBP0#, DSTBN0#
D[31:16]#, DINV1# DSTBP1#, DSTBN1#
D[47:32]#, DINV2# DSTBP2#, DSTBN2#
D[63:48]#, DINV3# DSTBP3#, DSTBN3#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com