Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C3365/20 Datasheet (PDF) - 3M Electronics

C3365/20 Datasheet PDF - 3M Electronics
Part # C3365/20
Download  C3365/20 Download
File Size   1331.89 Kbytes
Page   5 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M Round Conductor Flat Cable .050 28 AWG Stranded, PVC

C3365/20 Datasheet (PDF)

Go To PDF Page Download Datasheet
C3365/20 Datasheet PDF - 3M Electronics

Part # C3365/20
Download  C3365/20 Click to download

File Size   1331.89 Kbytes
Page   5 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M Round Conductor Flat Cable .050 28 AWG Stranded, PVC

C3365/20 Datasheet (HTML) - 3M Electronics


C3365/20 Product details

Features
■ 102 Ω
■ 172 Ω
■ Capacitance: 14.47 pF/ft [ 47.5 pF/m ] 8.14 pF/ft [ 26.7 pF/m ] Inductance: 0.15 μH/ft [ 0.49 μH/m ] 0.24 μH/ft [ 0.79 μH/m ]
■ Propagation Delay: 1.47 ns/ft [ 4.86 ns/m ]
■ 1.4 ns/ft [ 4.59 ns/m ]
■ Velocity of Propagation: 69%
■ 73%




Similar Part No. - C3365/20

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C336 KEMET-C336 Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
logo
Coilcraft lnc.
C336 COILCRAFT-C336 Datasheet
8Mb / 60P
MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
NOVEMBER 2021
C336 COILCRAFT-C336 Datasheet
100Kb / 1P
Designer’s Kits
logo
Hamamatsu Corporation
C3360 HAMAMATSU-C3360 Datasheet
35Kb / 2P
-5kV REGULATED HIGH VOLTAGE POWER SUPPLY
logo
General Cable Technolog...
C3362 GENERAL-C3362 Datasheet
74Kb / 1P
2P 18 7/26 BC FLEX OAS PVDF TYPE CL2P / CMP
More results


Similar Description - C3365/20

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3302 3M-3302 Datasheet
1Mb / 5P
3M Color Coded Flat Cable - .050 28 AWG Stranded, PVC
07-May-2009
3659 3M-3659_1 Datasheet
1Mb / 5P
3M Round, Shielded/Jacketed, Flat Cable .050 28 AWG Stranded, Mass Terminatable, PVC/PVC
11-May-2009
HF625 3M-HF625 Datasheet
917Kb / 3P
3M™ Round Conductor Flat Cable
03-Dec-2010
3625 3M-3625 Datasheet
830Kb / 6P
3M™ Round Conductor Flat Cable
13-May-2009
3609 3M-3609 Datasheet
1Mb / 5P
3M™ Round Conductor Flat Cable
12-May-2009
3625-40100M 3M-3625-40100M Datasheet
870Kb / 5P
3M™ Round Conductor Flat Cable 1.0 mm 28 AWG Stranded, PVC
13-May-2009
logo
Tyco Electronics
171-50 MACOM-171-50 Datasheet
81Kb / 2P
FLAT CABLE 28 AWG STRANDED PVC INSULATION
logo
3M Electronics
3365-SERIES 3M-3365-SERIES Datasheet
1Mb / 5P
3M™ Round Conductor Flat Cable
07-May-2009
3609 3M-3609_V01 Datasheet
848Kb / 3P
3M™ Round Conductor Flat Cable .025 30 AWG Stranded, FEP
October 31, 2013
3896 3M-3896 Datasheet
752Kb / 5P
3M™ Round, Jacketed, Flat Cable .025 30 AWG Stranded, Mass-Term, PVC/PVC
May 14, 2009
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com