Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFP720F Datasheet (PDF) - Infineon Technologies AG

BFP720F Datasheet PDF - Infineon Technologies AG
Part # BFP720F
Download  BFP720F Download
File Size   1963.86 Kbytes
Page   26 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description C Heterojunction Wideband RF Bipolar Transistor

BFP720F Datasheet (PDF)

Go To PDF Page Download Datasheet
BFP720F Datasheet PDF - Infineon Technologies AG

Part # BFP720F
Download  BFP720F Click to download

File Size   1963.86 Kbytes
Page   26 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description C Heterojunction Wideband RF Bipolar Transistor

BFP720F Datasheet (HTML) - Infineon Technologies AG


BFP720F Product details

Product Brief
The BFP720F is a very low noise wideband NPN bipolar RF transistor. The device is based on Infineon’s reliable high volume silicon germanium carbon (SiGe:C) heterojunction bipolar technology. The collector design supports voltages up to VCEO = 4.0 V and currents up to IC = 25 mA. The device is especially suited for mobile applications in which low power consumption is a key requirement. The typical transition frequency is approximately 45 GHz, hence the device offers high power gain at frequencies up to 12 GHz in amplifier applications. The device is housed in a thin small flat plastic package with visible leads.

Features
• High performance general purpose wideband LNA transistor
• Operation voltage: 1.0 V to 4.0 V
• Transistor geometry optimized for low current applications
• 26.5 dB maximum stable gain at 1.9 GHz and only 13 mA
• 15 dB maximum available gain at 10 GHz and only 13 mA
• 0.7 dB minimum noise figure at 5.5 GHz and 1.0 dB at 10 GHz
• High linearity OP1dB = 7 dBm and OIP3 = 21 dBm at 5.5 GHz
   and low current consumption of 13 mA
• Thin small flat Pb-free (RoHS compliant) and halogen-free
   package with visible leads
• Qualification report according to AEC-Q101 available

Applications
   FM Radio, Mobile TV, RKE, AMR, Cellular, ZigBee, GPS, WiMAX, SDARs, Satellite Radio, Bluetooth, WiFi, Cordless phone, UMTS, WLAN, UWB, LNB




Similar Part No. - BFP720F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP720F INFINEON-BFP720F Datasheet
1Mb / 25P
Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.1, 2012-10-25
BFP720FESD INFINEON-BFP720FESD Datasheet
1Mb / 29P
Robust High Performance Low Noise Bipolar RF Transistor
Revision 1.1, 2010-06-29
BFP720FESD INFINEON-BFP720FESD Datasheet
1Mb / 28P
Robust Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.2, 2012-10-16
BFP720FESD INFINEON-BFP720FESD_12 Datasheet
1Mb / 28P
Robust Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.2, 2012-10-16
BFP720F INFINEON-BFP720F_12 Datasheet
1Mb / 25P
Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.1, 2012-10-25
More results


Similar Description - BFP720F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP720 INFINEON-BFP720 Datasheet
1Mb / 26P
C Heterojunction Wideband RF Bipolar Transistor
Revision 1.0, 2009-01-20
logo
Freescale Semiconductor...
MMG3001NT1 FREESCALE-MMG3001NT1_12 Datasheet
461Kb / 15P
Heterojunction Bipolar Transistor
MMG3002NT1 FREESCALE-MMG3002NT1_12 Datasheet
559Kb / 16P
Heterojunction Bipolar Transistor
MMG3007NT1 FREESCALE-MMG3007NT1_12 Datasheet
366Kb / 15P
Heterojunction Bipolar Transistor
MMG3011NT1 FREESCALE-MMG3011NT1_12 Datasheet
362Kb / 15P
Heterojunction Bipolar Transistor
MMG3012NT1 FREESCALE-MMG3012NT1_12 Datasheet
499Kb / 15P
Heterojunction Bipolar Transistor
MMG3013NT1 FREESCALE-MMG3013NT1_12 Datasheet
349Kb / 15P
Heterojunction Bipolar Transistor
MMG3015NT1 FREESCALE-MMG3015NT1_12 Datasheet
316Kb / 15P
Heterojunction Bipolar Transistor
MMZ09312B FREESCALE-MMZ09312B_12 Datasheet
1Mb / 20P
Heterojunction Bipolar Transistor
MMZ25332B FREESCALE-MMZ25332B Datasheet
543Kb / 10P
Heterojunction Bipolar Transistor
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com