Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4906K Datasheet (PDF) - Infineon Technologies AG

TLE4906K Datasheet PDF - Infineon Technologies AG
Part # TLE4906K
Download  TLE4906K Download
File Size   809.85 Kbytes
Page   17 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description High Precision Hall Effect Switch

TLE4906K Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE4906K Datasheet PDF - Infineon Technologies AG

Part # TLE4906K
Download  TLE4906K Click to download

File Size   809.85 Kbytes
Page   17 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description High Precision Hall Effect Switch

TLE4906K Datasheet (HTML) - Infineon Technologies AG


TLE4906K Product details

Overview

The TLE4906 is a high precision Hall effect switch with highly accurate switching thresholds for operating temperatures up to 150°C.





Features

• 2.7V to 24V supply voltage

• Operation from unregulated power supply

• High sensitivity and high stability ofthe magnetic switching points

• High resistance to mechanical stress by Active Error Compensation

• Reverse battery protection (-18V)

• Superior temperature stability

• Peak temperatures up to 195°C without damage

• Low jitter (typ. 1µs)

• High ESD performance (± 6kV HBM)

• Digital output signal

• SMD package SC59(SOT23 compatible) - (TLE4906K))

• Leaded package PG-SSO-3-2- (TLE4906L)




Similar Part No. - TLE4906K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4906-2K INFINEON-TLE4906-2K Datasheet
1Mb / 16P
High Precision Hall-Effect Switch
Rev 1.0, 2010-12
TLE4906-3K INFINEON-TLE4906-3K Datasheet
1Mb / 16P
High Precision Hall-Effect Switch
Rev 1.0, 2010-12
TLE4906H INFINEON-TLE4906H Datasheet
148Kb / 10P
High Precision Hall-Effect Switch
Version 1.0 2003-11-20
TLE4906H INFINEON-TLE4906H Datasheet
874Kb / 20P
High Precision Hall-Effect Switch
V 1.1, Oct. 2005
TLE4906H INFINEON-TLE4906H_05 Datasheet
874Kb / 20P
High Precision Hall-Effect Switch
V 1.1, Oct. 2005
More results


Similar Description - TLE4906K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4906L INFINEON-TLE4906L Datasheet
156Kb / 9P
High Precision Hall-Effect Switch
Version 1.0 2003-11-20
TLE4946-1L INFINEON-TLE4946-1L Datasheet
156Kb / 9P
High Precision Hall-Effect Switch
2004-03-04
TLE4946H INFINEON-TLE4946H Datasheet
147Kb / 9P
High Precision Hall-Effect Switch
2003-11-20
TLE4966H INFINEON-TLE4966H Datasheet
180Kb / 11P
High Precision Hall-Effect Switch
2003-11-20
TLE4966L INFINEON-TLE4966L Datasheet
170Kb / 11P
High Precision Hall-Effect Switch
Version 1.0 2003-11-20
TLE4976-1H INFINEON-TLE4976-1H Datasheet
142Kb / 9P
High Precision Hall-Effect Switch
Version 1.0 2003-11-20
TLE4976L INFINEON-TLE4976L Datasheet
154Kb / 9P
High Precision Hall-Effect Switch
Version 1.0 2003-11-20
TLE4906H INFINEON-TLE4906H_05 Datasheet
874Kb / 20P
High Precision Hall-Effect Switch
V 1.1, Oct. 2005
TLE4906-2K INFINEON-TLE4906-2K Datasheet
1Mb / 16P
High Precision Hall-Effect Switch
Rev 1.0, 2010-12
TLE4906-3K INFINEON-TLE4906-3K Datasheet
1Mb / 16P
High Precision Hall-Effect Switch
Rev 1.0, 2010-12
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com