Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4906K Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4906K
Description  High Precision Hall Effect Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4906K Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4906K Datasheet HTML 2Page - Infineon Technologies AG TLE4906K Datasheet HTML 3Page - Infineon Technologies AG TLE4906K Datasheet HTML 4Page - Infineon Technologies AG TLE4906K Datasheet HTML 5Page - Infineon Technologies AG TLE4906K Datasheet HTML 6Page - Infineon Technologies AG TLE4906K Datasheet HTML 7Page - Infineon Technologies AG TLE4906K Datasheet HTML 8Page - Infineon Technologies AG TLE4906K Datasheet HTML 9Page - Infineon Technologies AG TLE4906K Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Data Sheet
4
V 2.0, 2009-01
TLE4906K
TLE4906L
Functional Description
2
Functional Description
2.1
General
The TLE4906K and the TLE4906L are integrated circuit Hall-effect sensors designed specifically for highly
accurate applications.
Precise magnetic switching points and high temperature stability are achieved by active compensation circuits and
chopper techniques on chip.
2.2
Pin Configuration (top view)
Center of
Sensitive Area
1
± 0.15
1.5
± 0.15
0.8
2
3
3
2
1
PG-SSO-3-2
SC59
± 0.1
1.35
± 0.1
2.08
Figure 1
Pin Configuration and Center of Sensitive Area
2.3
Pin Description
Table 1
Pin Description SC59
Pin No.
Symbol
Function
Comment
1
VS
Supply voltage
2
Q
Output
3
GND
Ground
Table 2
Pin Description PG-SSO-3-2
Pin No.
Symbol
Function
Comment
1
VS
Supply voltage
2
GND
Ground
3
Q
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com