Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4906K Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE4906K
Description  High Precision Hall Effect Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4906K Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE4906K Datasheet HTML 7Page - Infineon Technologies AG TLE4906K Datasheet HTML 8Page - Infineon Technologies AG TLE4906K Datasheet HTML 9Page - Infineon Technologies AG TLE4906K Datasheet HTML 10Page - Infineon Technologies AG TLE4906K Datasheet HTML 11Page - Infineon Technologies AG TLE4906K Datasheet HTML 12Page - Infineon Technologies AG TLE4906K Datasheet HTML 13Page - Infineon Technologies AG TLE4906K Datasheet HTML 14Page - Infineon Technologies AG TLE4906K Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Data Sheet
9
V 2.0, 2009-01
TLE4906K
TLE4906L
Specification
3.3
Electrical and Magnetic Characteristics
Table 6
General Electrical Characteristics1)
1) over operating range, unless otherwise specified. Typical values correspond to VS = 12V and TA = 25°C
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Supply current
IS
2
4
6
mA
VS = 2.7V ... 18V
Reverse current
ISR
0
0.2
1
mA
VS = -18V
Output saturation voltage
VQSAT
-
0.3
0.6
V
IQ = 20mA
Output leakage current
IQLEAK
-
0.05
10
µA
for VQ = 18V
Output fall time
tf
-
0.02
1
µs
RL = 1.2kΩ; CL = 50pF
see Figure 3
Output rise time
tr
-
0.4
1
µs
Chopper frequency
fOSC
-
320
-
kHz
Switching frequency
fSW
0
-
2) To operate the sensor at the max. switching frequency, the value of the magnetic signal amplitude must be 1.4 times higher
than for static fields. This is due to the -3dB corner frequency of the low pass filter in the signal path.
152)
kHz
Delay time
3) Systematic delay between magnetic threshold reached and output switching.
3)
td
-
13
-
µs
Output jitter
4) Jitter is the unpredictable deviation of the output switching delay.
4)
tQJ
-
1
-
µsRMS typical value for square wave
signal with 1kHz
Power-on time
5) Time from applying VS ≥ 2.7V to the sensor until the output state is valid.
5)
tPON
-
13
-
µs
VS ≥ 2.7V
Thermal resistance
6) Thermal resistance from junction to ambient.
6)
RthJA
-
100
-
K/W
SC59
-
-
190
PG-SSO-3-2
Product characteristics involve the spread of values guaranteed within the specified voltage and ambient
temperature range. Typical characteristics are the median of the production.
Calculation of the ambient temperature (SC59 example)
e.g. for VS = 12.0V, IStyp = 4mA, VQSATtyp = 0.3V and IQ = 20mA
Power dissipation PDIS = 54.0mW
In TA = Tj - (RthJA x PDIS) = 175°C - (100K/W x 0.054W)
Resulting max. ambient temperature: TA = 169.6°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com