Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4906K Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE4906K
Description  High Precision Hall Effect Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4906K Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE4906K Datasheet HTML 6Page - Infineon Technologies AG TLE4906K Datasheet HTML 7Page - Infineon Technologies AG TLE4906K Datasheet HTML 8Page - Infineon Technologies AG TLE4906K Datasheet HTML 9Page - Infineon Technologies AG TLE4906K Datasheet HTML 10Page - Infineon Technologies AG TLE4906K Datasheet HTML 11Page - Infineon Technologies AG TLE4906K Datasheet HTML 12Page - Infineon Technologies AG TLE4906K Datasheet HTML 13Page - Infineon Technologies AG TLE4906K Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Data Sheet
8
V 2.0, 2009-01
TLE4906K
TLE4906L
Specification
3.2
Operating Range
Table 5
Operating Conditions Parameters
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Supply voltage
VS
2.7
18
V
Output voltage
VQ
-0.7
18
V
Junction temperature
Tj
-40
150
°C
Output current
IQ
0
20
mA
The following operating conditions must not be exceeded in order to ensure correct operation of the TLE4906K /
TLE4906L.
All parameters specified in the following sections refer to these operating conditions unless otherwise mentioned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com