Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4906K Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE4906K
Description  High Precision Hall Effect Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4906K Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE4906K Datasheet HTML 9Page - Infineon Technologies AG TLE4906K Datasheet HTML 10Page - Infineon Technologies AG TLE4906K Datasheet HTML 11Page - Infineon Technologies AG TLE4906K Datasheet HTML 12Page - Infineon Technologies AG TLE4906K Datasheet HTML 13Page - Infineon Technologies AG TLE4906K Datasheet HTML 14Page - Infineon Technologies AG TLE4906K Datasheet HTML 15Page - Infineon Technologies AG TLE4906K Datasheet HTML 16Page - Infineon Technologies AG TLE4906K Datasheet HTML 17Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Total toleranc e at 10 pitc hes ±1
1) N o s older func tion area
±0.3
±0.4
6.35
12.7
12.7±1
4±0.3
GP O05358
-0.15
±0.1
Tape
Adhes iv e
Tape
0.25
0.39
A
13
2
1.27±0.25
1.27±0.25
0.6 MAX.
0.4±0.05
1.9 MAX.
4.06±0.08
4.16±0.05
0.2
x 45°
0.8±0.1
7°
0.2+0.1
(0.79)
A
2
1.52±0.05
Data Sheet
12
V 2.0, 2009-01
TLE4906K
TLE4906L
Package Information
Figure 8
PG-SSO-3-2 Package Outline (All dimensions in mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com