Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSA26E Datasheet (PDF) - Sanyo Semicon Device

DSA26E Datasheet PDF - Sanyo Semicon Device
Part # DSA26E
Download  DSA26E Download
File Size   51.61 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 2.6A Power Rectifier?

DSA26E Datasheet (PDF)

Go To PDF Page Download Datasheet
DSA26E Datasheet PDF - Sanyo Semicon Device

Part # DSA26E
Download  DSA26E Click to download

File Size   51.61 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 2.6A Power Rectifier?

DSA26E Datasheet (HTML) - Sanyo Semicon Device


DSA26E Product details

Diffused Junction Type Silicon Diode



Features

• Plastic molded type.

• Glass passivation for high reliability.

• Peak reverse voltage : VRM=200, 600V.

• Average rectified current : IO=2.6A.



 




Similar Part No. - DSA26E

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSA2-12A IXYS-DSA2-12A Datasheet
35Kb / 2P
Rectifier Diode Avalanche Diode
DSA2-12A IXYS-DSA2-12A Datasheet
72Kb / 2P
Rectifi er Diode Avalanche Diode
DSA2-16A IXYS-DSA2-16A Datasheet
35Kb / 2P
Rectifier Diode Avalanche Diode
DSA2-16A IXYS-DSA2-16A Datasheet
72Kb / 2P
Rectifi er Diode Avalanche Diode
DSA2-18A IXYS-DSA2-18A Datasheet
35Kb / 2P
Rectifier Diode Avalanche Diode
More results


Similar Description - DSA26E

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D3FS4A SHINDENGEN-D3FS4A Datasheet
732Kb / 11P
Schottky Rectifiers (SBD) (40V 2.6A)
logo
Fairchild Semiconductor
HUF75307T3ST FAIRCHILD-HUF75307T3ST Datasheet
175Kb / 9P
2.6A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFET
HUFA75307T3ST FAIRCHILD-HUFA75307T3ST Datasheet
174Kb / 9P
2.6A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFET
logo
Intersil Corporation
BUZ76A INTERSIL-BUZ76A Datasheet
42Kb / 5P
2.6A, 400V, 2.500 Ohm, N-Channel Power MOSFET
October 1998
HUF75307T3ST INTERSIL-HUF75307T3ST Datasheet
325Kb / 8P
2.6A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFET
October 1999
logo
International Rectifier
IRFI720G IRF-IRFI720G Datasheet
170Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=2.6A)
logo
Semtech Corporation
2PFT05 SEMTECH-2PFT05 Datasheet
112Kb / 4P
RECTIFIER, up to 200V, 2.6A, 25ns
logo
Will Semiconductor Ltd.
WNMD2176 WILLSEMI-WNMD2176 Datasheet
977Kb / 6P
Dual N-Channel, 20V, 2.6A, Power MOSFET
logo
Weidmuller
2580220000 WEIDMULLER-2580220000 Datasheet
267Kb / 5P
PRO INSTA 30W 12V 2.6A
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com