Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK946 Datasheet (PDF) - NXP Semiconductors

PCK946 Datasheet PDF - NXP Semiconductors
Part # PCK946
Download  PCK946 Download
File Size   87.89 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Low voltage 1 : 10 CMOS clock driver 3-stateable outputs

PCK946 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCK946 Datasheet PDF - NXP Semiconductors

Part # PCK946
Download  PCK946 Click to download

File Size   87.89 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Low voltage 1 : 10 CMOS clock driver 3-stateable outputs

PCK946 Datasheet (HTML) - NXP Semiconductors


PCK946 Product details

General description
The PCK946 is a low voltage CMOS 1 : 10 clock buffer. The 10 outputs can be configured into a standard fan-out buffer or into 1× and 1⁄2× combinations. The ten outputs were designed and optimized to drive 50 Ω series or parallel terminated transmission lines. With output-to-output skews of 350 ps, the PCK946 is ideal as a clock distribution chip for synchronous systems which need a tight level of skew from a large number of outputs.

Features
■ 2 selectable LVCMOS/LVTTL clock inputs
■ 350 ps output-to-output skew
■ Drives up to 20 series terminated independent clock lines
■ Maximum input/output frequency of 150 MHz
■ 3-stateable outputs
■ 32-lead LQFP packaging
■ 3.3 V VCC supply voltage




Similar Part No. - PCK946

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK940L PHILIPS-PCK940L Datasheet
87Kb / 16P
Low voltage 1 : 18 clock distribution chip
Rev. 01-4 April 2006
PCK940LBD PHILIPS-PCK940LBD Datasheet
87Kb / 16P
Low voltage 1 : 18 clock distribution chip
Rev. 01-4 April 2006
PCK942C NXP-PCK942C Datasheet
69Kb / 11P
Low voltage 1 : 18 clock distribution chip
Rev. 01-15 February 2006
PCK942CBD NXP-PCK942CBD Datasheet
69Kb / 11P
Low voltage 1 : 18 clock distribution chip
Rev. 01-15 February 2006
PCK942P NXP-PCK942P Datasheet
68Kb / 11P
Low voltage 1 : 18 clock distribution chip
Rev. 01-17 February 2006
More results


Similar Description - PCK946

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC946 MOTOROLA-MPC946 Datasheet
98Kb / 6P
LOW VOLTAGE 1:10 CMOS CLOCK DRIVER
logo
NXP Semiconductors
PCK111 PHILIPS-PCK111 Datasheet
65Kb / 8P
Low voltage 1:10 differential PECL clock driver
2001 Sep 07
logo
Pericom Semiconductor C...
PI49FCT32807 PERICOM-PI49FCT32807 Datasheet
383Kb / 6P
3.3V 1:10 CMOS Clock Driver
logo
Texas Instruments
CDCLVD110 TI-CDCLVD110 Datasheet
144Kb / 10P
PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
CDCLVD110A TI-CDCLVD110A Datasheet
192Kb / 12P
PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
logo
PulseCore Semiconductor
ASM2P3807A PULSECORE-ASM2P3807A Datasheet
662Kb / 18P
3.3V CMOS 1-TO-10 CLOCK DRIVER
logo
Analog Devices
ADN4670 AD-ADN4670 Datasheet
170Kb / 12P
Programmable Low Voltage 1:10 LVDS Clock Driver
REV. 0
ADN4670BSTZ AD-ADN4670BSTZ Datasheet
241Kb / 12P
Programmable Low Voltage 1:10 LVDS Clock Driver
REV. A
logo
Texas Instruments
CDCLVD110AVF TI-CDCLVD110AVF Datasheet
853Kb / 18P
PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
CDCLVD110 TI1-CDCLVD110_12 Datasheet
519Kb / 13P
PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com