Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK942C Datasheet (PDF) - NXP Semiconductors

PCK942C Datasheet PDF - NXP Semiconductors
Part # PCK942C
Download  PCK942C Download
File Size   69.12 Kbytes
Page   11 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Low voltage 1 : 18 clock distribution chip

PCK942C Datasheet (PDF)

Go To PDF Page Download Datasheet
PCK942C Datasheet PDF - NXP Semiconductors

Part # PCK942C
Download  PCK942C Click to download

File Size   69.12 Kbytes
Page   11 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Low voltage 1 : 18 clock distribution chip

PCK942C Datasheet (HTML) - NXP Semiconductors


PCK942C Product details

General description
The PCK942C is a 1 : 18 low voltage clock distribution chip with 2.5 V or 3.3 V LVCMOS output capabilities. The device is offered in two versions: the PCK942C has an LVCMOS input clock, while the PCK942P has an LVPECL input clock. The 18 outputs are 2.5 V or 3.3 V LVCMOS compatible and feature the drive strength to drive 50 Ω series or parallel terminated transmission lines. With output-to-output skews of 200 ps, the PCK942C is ideal as a clock distribution chip for the most demanding of synchronous systems. The 2.5 V outputs also make the device ideal for supplying clocks for a higher performance Pentium II microprocessor based design.

Features
■ LVCMOS/LVTTL clock input
■ 2.5 V LVCMOS outputs for Pentium II microprocessor support
■ 150 ps maximum targeted output-to-output skew
■ Maximum output frequency of 250 MHz @ 3.3 V VCC
■ 32-lead LQFP packaging
■ Single 3.3 V or 2.5 V supply voltage




Similar Part No. - PCK942C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK942P NXP-PCK942P Datasheet
68Kb / 11P
Low voltage 1 : 18 clock distribution chip
Rev. 01-17 February 2006
PCK942PBD NXP-PCK942PBD Datasheet
68Kb / 11P
Low voltage 1 : 18 clock distribution chip
Rev. 01-17 February 2006
More results


Similar Description - PCK942C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC940L MOTOROLA-MPC940L Datasheet
91Kb / 5P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
MPC942C MOTOROLA-MPC942C Datasheet
232Kb / 4P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
logo
Alliance Semiconductor ...
ASM2I9940L ALSC-ASM2I9940L Datasheet
223Kb / 13P
Low Voltage 1:18 Clock Distribution Chip
ASM2I9942P ALSC-ASM2I9942P Datasheet
433Kb / 10P
Low Voltage 1:18 Clock Distribution Chip
logo
NXP Semiconductors
PCK940L PHILIPS-PCK940L Datasheet
87Kb / 16P
Low voltage 1 : 18 clock distribution chip
Rev. 01-4 April 2006
logo
Integrated Device Techn...
MPC940L IDT-MPC940L Datasheet
1Mb / 11P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
MPC942P IDT-MPC942P Datasheet
373Kb / 6P
Low Voltage 1:18 Clock Distribution Chip
logo
PulseCore Semiconductor
PCS2I9942P PULSECORE-PCS2I9942P Datasheet
437Kb / 10P
Low Voltage 1:18 Clock Distribution Chip
logo
NXP Semiconductors
PCK942P NXP-PCK942P Datasheet
68Kb / 11P
Low voltage 1 : 18 clock distribution chip
Rev. 01-17 February 2006
logo
Renesas Technology Corp
MPC940L RENESAS-MPC940L Datasheet
531Kb / 13P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
October 4, 2016
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com