Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L10596 Datasheet (PDF) - Hamamatsu Corporation

L10596 Datasheet PDF - Hamamatsu Corporation
Part # L10596
Download  L10596 Download
File Size   139.93 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Small emission spot LED using current con-ned chip

L10596 Datasheet (PDF)

Go To PDF Page Download Datasheet
L10596 Datasheet PDF - Hamamatsu Corporation

Part # L10596
Download  L10596 Click to download

File Size   139.93 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Small emission spot LED using current con-ned chip

L10596 Datasheet (HTML) - Hamamatsu Corporation


L10596 Product details

Small emission spot LED using current confined chip

The L10596 is infrared LED with a microball lens cemented to the current confinement chip surface. This combination ensures narrow directivity and uniform emission. In particular, the L10596-02 uses a lens cap that delivers even narrower directivity. As a variant type not using a microball lens, the L10596-03 is also available with the LED chip potted with resin, which gives a small emission spot of ɸ160 μm. The L10569 series has a light-reflecting layer inserted between the emission section and the GaAs substrate, which increases the light output by 1.5 times (L10596-03: 1.3 times) that of conventional products.

Features
➤ High radiant output power : L10596/-02: 3.0 mW (IF=50 mA typ.)
➤ Uniform emission
➤ Small emission spot:
    L10596: ϕ400 μm
    L10596-03: ϕ160 μm
➤ Narrow directivity (L10596/-02)

Applications
➤ Automatic control systems
➤ Optical switches




Similar Part No. - L10596

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L10596 HAMAMATSU-L10596_15 Datasheet
205Kb / 4P
Infrared LED
More results


Similar Description - L10596

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L1939 HAMAMATSU-L1939 Datasheet
111Kb / 2P
300 關m emission spot, no electrode in emission area
L2791 HAMAMATSU-L2791 Datasheet
117Kb / 2P
Small emission spot LED using current confined chip
L7868 HAMAMATSU-L7868 Datasheet
135Kb / 2P
Small emission spot, red LED using current confined chip
L2791 HAMAMATSU-L2791_06 Datasheet
72Kb / 3P
Infrared LED Small emission spot LED using current confined chip
logo
Dialight Corporation
SB4-W1C3-301 DIALIGHT-SB4-W1C3-301 Datasheet
95Kb / 2P
White LED Recessed Spot
logo
Mean Well Enterprises C...
NED-35 MEANWELL-NED-35_11 Datasheet
403Kb / 2P
NED-35_11
logo
BetLux Electronics
TLL-JDR-061 BETLUX-TLL-JDR-061 Datasheet
35Kb / 1P
JDR LED Spot Lamp
REV NO: V. 1
logo
TT Electronics.
OP207CL TTELEC-OP207CL Datasheet
748Kb / 4P
7mm Spot Diameter LED
logo
Inventronics Inc.
DS-EDC-075S105SV INVENTRONICS-DS-EDC-075S105SV Datasheet
545Kb / 8P
75W Con stant Current IP67 Driver
Rev. C
EUC-036SXXXDT INVENTRONICS-EUC-036SXXXDT Datasheet
995Kb / 10P
36W Con stant Current IP67 Driver
Rev. L
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com