Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L10596 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # L10596
Description  Small emission spot LED using current con-ned chip
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L10596 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  L10596 Datasheet HTML 1Page - Hamamatsu Corporation L10596 Datasheet HTML 2Page - Hamamatsu Corporation L10596 Datasheet HTML 3Page - Hamamatsu Corporation L10596 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Infrared LED
L10596 series
Emission spectrum
Forward current vs. forward voltage
Radiant flux vs. forward current
Directivity
700
800
900
1000
0
40
20
60
80
100
Wavelength (nm)
(Typ. Ta=25 °C, IF=50 mA)
Forward voltage (V)
1.0
1.5
2.0
2.5
3.0
3.5
1
10
1000
100
(Typ. Ta=25 °C, tw=100 μs, 0.1%)
Forward current (mA)
(Typ. Ta=25 °C, tw=100 μs, 0.1%)
10
1
0.1
1
100
10
100
1000
L10596-03
L10596/-02
Relative radiant output (%)
90°
80°
70°
60°
50°
40°
30°
90°
80°
70°
60°
50°
40°
30°
20°
10°
0°
10°
20°
0
20
40
60
80
100
20
40
60
80
100
(Typ. Ta=25 °C)
* L10596-03: Except for reflection ingredient of the base
L10596
L10596-03
*
L10596-02
KLEDB0304EA
KLEDB0306EB
KLEDB0305EB
KLEDB0307EB



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com