Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L10596 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # L10596
Description  Small emission spot LED using current con-ned chip
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L10596 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  L10596 Datasheet HTML 1Page - Hamamatsu Corporation L10596 Datasheet HTML 2Page - Hamamatsu Corporation L10596 Datasheet HTML 3Page - Hamamatsu Corporation L10596 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Infrared LED
Small emission spot LED using current con-
ned chip
L10596 series
www.hamamatsu.com
The L10596 is infrared LED with a microball lens cemented to the current con nement chip surface. This combination ensures
narrow directivity and uniform emission. In particular, the L10596-02 uses a lens cap that delivers even narrower directivity. As a
variant type not using a microball lens, the L10596-03 is also available with the LED chip potted with resin, which gives a small
emission spot of φ160 m. The L10569 series has a light-re ecting layer inserted between the emission section and the GaAs
substrate, which increases the light output by 1.5 times (L10596-03: 1.3 times) that of conventional products.
Absolute maximum ratings (Ta=25 °C)
Electrical and optical characteristics (Ta=25 °C)
Parameter
Symbol
Condition
Value
Unit
Forward current
IF
80
mA
Reverse voltage
VR
3V
Pulse forward current
IFP
Pulse width=10 s
Duty ratio=1%
0.45
A
Operating temperature
Topr
-30 to +85
°C
Storage temperature
Tstg
*1
-40 to +100
°C
*
1: The L10596-03 is guaranteed to resist temperature cycle test of up to 5 cycles.
Features
Applications
Automatic control systems
High radiant output power:
L10596/-02: 3.0 mW (IF=50 mA typ.)
Optical switches
Uniform emission
Small emission spot:
L10596: φ400 m
L10596-03: φ160 m
Narrow directivity (L10596/-02)
Parameter
Symbol
Condition
L10596
L10596-02
L10596-03
Unit
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
Peak emission wavelength
λp
IF=50 mA
850
870
890
850
870
890
850
870
890
nm
Spectral half width
Δλ
IF=50 mA
-
35
50
-
35
50
-
35
50
nm
Forward voltage
VF
IF=50 mA
-
1.6
1.8
-
1.6
1.8
-
1.6
1.8
V
Pulse forward voltage
VFP
IF=0.45 A
-
3.3
4.1
-
3.3
4.1
-
3.3
4.1
V
Reverse current
IR
VR=3 V
-
-
10
-
-
10
-
-
10
A
Radiant ux
φe
IF=50 mA
2.1
3.0
-
2.1
3.0
-
5.0
6.5
-
mW
Cut-off frequency*2
fc
IF=50 mA ± 10 mAp-p
10
15
-
10
15
-
10
15
-
MHz
*
2: Frequency at which the radiant output drops by 3 dB relative to the output at 100 kHz


Similar Part No. - L10596

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L10596 HAMAMATSU-L10596_15 Datasheet
205Kb / 4P
Infrared LED
More results

Similar Description - L10596

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L1939 HAMAMATSU-L1939 Datasheet
111Kb / 2P
300 關m emission spot, no electrode in emission area
L2791 HAMAMATSU-L2791 Datasheet
117Kb / 2P
Small emission spot LED using current confined chip
L7868 HAMAMATSU-L7868 Datasheet
135Kb / 2P
Small emission spot, red LED using current confined chip
L2791 HAMAMATSU-L2791_06 Datasheet
72Kb / 3P
Infrared LED Small emission spot LED using current confined chip
logo
Dialight Corporation
SB4-W1C3-301 DIALIGHT-SB4-W1C3-301 Datasheet
95Kb / 2P
White LED Recessed Spot
logo
Mean Well Enterprises C...
NED-35 MEANWELL-NED-35_11 Datasheet
403Kb / 2P
NED-35_11
logo
BetLux Electronics
TLL-JDR-061 BETLUX-TLL-JDR-061 Datasheet
35Kb / 1P
JDR LED Spot Lamp
REV NO: V. 1
logo
TT Electronics.
OP207CL TTELEC-OP207CL Datasheet
748Kb / 4P
7mm Spot Diameter LED
logo
Inventronics Inc.
DS-EDC-075S105SV INVENTRONICS-DS-EDC-075S105SV Datasheet
545Kb / 8P
75W Con stant Current IP67 Driver
Rev. C
EUC-036SXXXDT INVENTRONICS-EUC-036SXXXDT Datasheet
995Kb / 10P
36W Con stant Current IP67 Driver
Rev. L
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com