Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L88MS04T Datasheet (PDF) - Sanyo Semicon Device

L88MS04T Datasheet PDF - Sanyo Semicon Device
Part # L88MS04T
Download  L88MS04T Download
File Size   186.58 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 4 to 12 V, 0.5 A Low Dropout Voltage Regulator with On/Off Function

L88MS04T Datasheet (PDF)

Go To PDF Page Download Datasheet
L88MS04T Datasheet PDF - Sanyo Semicon Device

Part # L88MS04T
Download  L88MS04T Click to download

File Size   186.58 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 4 to 12 V, 0.5 A Low Dropout Voltage Regulator with On/Off Function

L88MS04T Datasheet (HTML) - Sanyo Semicon Device


L88MS04T Product details

Overview
The L88MS00T Series has an on-chip on/off function to maximize equipment power saving effectiveness. Because it can operate with a low input-output voltage difference, it contributes to smaller and more efficient set power supplies, optimum for audio-visual and office automation equipment.

Features
• Low minimum input-output voltage differential (0.4 V typ) enables to save energy and miniaturize transformer size.
• Quiescent current is low with output off (L88MS05T/IQ OFF = 40 µA typ, except ISTB).
• Set size can be miniaturized with compact TP-5H power package.
• Surface mounting on board permits allowable power dissipation to be raised.
• Enhanced mount flexibility with range of formed products.
• On-chip protective circuitry (fold back short circuit, thermal over load).
• External noise suppression pin provided.

Functions
• Output voltage
    L88MS04T: 4 V L88MS05T: 5 V
    L88MS06T: 6 V L88MS08T: 8 V
    L88MS09T: 9 V L88MS12T: 12 V
• On/off control of output voltage by strobe pin (active low)
• 500 mA output current




Similar Part No. - L88MS04T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
L88MS00T SANYO-L88MS00T Datasheet
241Kb / 11P
4 to 12 V, 0.5 A Low Dropout Voltage Regulator with On/Off Function
L88MS00T SANYO-L88MS00T_10 Datasheet
241Kb / 11P
4 to 12 V, 0.5 A Low Dropout Voltage Regulator with On/Off Function
More results


Similar Description - L88MS04T

ManufacturerPart #DatasheetDescription
logo
NEC
UPC29S00 NEC-UPC29S00 Datasheet
74Kb / 16P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF FUNCTION
logo
New Japan Radio
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
logo
Sanyo Semicon Device
L88MS33T SANYO-L88MS33T Datasheet
130Kb / 7P
3.3 V, 0.5 A Low Dropout Voltage Regulator with On/Off Function
LA5602 SANYO-LA5602 Datasheet
91Kb / 4P
Low-Dropout Voltage Regulator with Reset and On-Off Function
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
logo
Sanyo Semicon Device
L88M00T SANYO-L88M00T Datasheet
154Kb / 8P
3.3 to 12 V, 0.5 A Low Dropout Voltage Regulator
logo
New Japan Radio
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
logo
Sanyo Semicon Device
L88M00T SANYO-L88M00T_09 Datasheet
229Kb / 8P
3.3 to 12 V, 0.5 A Low Dropout Voltage Regulator
L88MS00T SANYO-L88MS00T_10 Datasheet
241Kb / 11P
4 to 12 V, 0.5 A Low Dropout Voltage Regulator with On/Off Function
logo
New Japan Radio
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com